Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 43Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 44Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 47Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 226 page
background image
Rev. 1.00
4� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
These two types of flash memory inhibited bytes, SECURITY1[N] and SECURITY2[N], are used
for Program Memory protection. However, the SECURITY2[N] bytes have the higher priority. If
data has be written to the SECURITY2[N] bytes, the corresponding sectors will be protected and
cannot be read from or written to, no matter what data is in the SECURITY1[N] bytes. Note that
the Flash Memory protect function will not affect the instruction fetched by the MCU core. The
accompanying table illustrates the inhibited bytes priority.
SECURITY2[N] SECURITY1[N]
Privilege
0FFH
0FFH
Program Sector N is not protected
Can be erased and programmed.
Can be read b� flash control registers related to the IAP and OCDS(note) and
the �OVC instructions.
0FFH
Other values
except 0FFH
Sector N is inhibited from Programming/Erasing
Can not be erased and programmed b� the ICP or flash control registers
related to the OCDS(note).
Can be erased and programmed b� flash control registers related to the IAP.
Can be read b� flash control registers related to the IAP and the �OVC
instructions.
Other values
except 0FFH
X
Sector N is inhibited from Programming/Erasing/Accessing (instruction fetch
is still allowed)
Can not be erased and programmed b� the ICP or flash control registers
related to the IAP and OCDS(note).
Can not be read b� the ICP or flash control registers related to the IAP and
OCDS(note) and the �OVC instructions.
Note: Here “OCDS” stands for executing OCDSINSTR instruction when in the OCDS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com