Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 36Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 37Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 38Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 43Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 226 page
background image
Rev. 1.00
40 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Byte Write Operation
The Flash Memory must be first unlocked before implementing a Byte Write procedure. The first
step is to assign the target memory page and erase it. Refer to the Page Erase Operation section
for details. The Flash Memory Byte Write function is controlled by the control bits, FMCR.0 and
FMCR.6, in the FMCR register. Data is first written into the FMDR register to update the Page
Buffer. The Flash memory will check if the memory address has reached the page boundary. If the
boundary has been reached or there is no more data, then set the FMCR.0 bit to high to enable the
Byte Write function. When the FMCR.7 bit is set high the Byte Write procedure will be executed.
When the procedure is ready, the MCU will continue to run automatically. The following flowchart
illustrates the Byte Write procedure.
START
�CU waits for memor�
dump finished and then
�CU continues to run.
Flash memor� controller
must be In unlocked state
Write F�AR�
Write F�AR1
Write F�AR0
F�CR Bit 0 = 1 and
F�CR Bit 6 = 0 (*)
Enter memor�
dump procedure
Write next page
if desired
�CU waits for b�te-writing
finished and then
�CU continues to run.
F�CR Bit 7 = 1
Update the Page Buffer
B� writing F�DR
F�ARx reach the
page boundar�?
�ore Data?
No
Yes
No
Yes
Check F�SR Bit 1 = 1
Yes
No
Byte Write Flowchart (FMCR.0=1, FMCR.6=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com