Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 43Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 44Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 47Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 48Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 49Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 50Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 226 page
background image
Rev. 1.00
47 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Lower 80 B�tes
General Purpose RA�
00H
7FH
…
…
…
8-bit
Register Bank 0
Register Bank 1
Register Bank �
Register Bank �
08H
10H
18H
�0H
Bit-Addressable Space
�0H
Upper 1�8 B�tes
General Purpose RA�
(Indirect Access)
80H
…
…
…
FFH
Special Function Registers
(Direct Access)
Both direct and
indirect access
Upper
Section
(128 bytes)
Lower
Section
(128 bytes)
Internal Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com