Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 226 page
background image
Rev. 1.00
�4 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
ISTB1
Stanb� Current
(Power-Down mode)(HIRC off� HXT off)
�V
No load� All peripherals off
—
—
1.�
μA
�V
—
—
�.�
ISTB�
Stanb� Current (Idle)
(HIRC off� HXT on)
�V No load� fOSC=4�Hz (Cr�stal OSC)
fSYS off� ADC off� DAC off�
LVD/LVR disable� WDT enable�
—
1.�
�.�
mA
�V
—
�.�
�.0
VIL1
Input Low Voltage (except RESET pin)
— quasi-bidirection mode
0
— 0.�VDD
V
VIH1
Input High Voltage (except RESET pin)
— quasi-bidirection mode
0.8VDD —
VDD
V
VIL�
Input Low Voltage (RESET pin)
—
—
0
— 0.4VDD
V
VIH�
Input High Voltage (RESET pin)
—
—
0.9VDD —
VDD
V
IOL
I/O Port Sink Current
�.�V
VOL=0.4V
—
6.0
—
mA
�.�V
—
9.0
—
�.0V
—
1�.0
—
IOH1
I/O Port Source Current
(push-pull mode for Ports 0� 1� �� �)
�.�V
VOH=0.9VDD
—
-1.0
—
mA
�.�V
—
-�.0
—
�.0V
—
-4.0
—
IOH�
I/O Port Source Current
(quasi-bidirection mode for Ports 0� 1� �� �� 4� �)
�.�V
VOH=0.9VDD
—
-40
—
μA
�.�V
—
-80
—
�.0V
—
-160
—
IIL
Logical 0 input current� Ports 0� 1� �� �� 4� �
(quasi-bidirection mode)
�V VIN=0.4V
—
—
-�0
μA
ITL
Logical 1 to 0 transition
Current� Ports 0� 1� �� �� 4� �
(quasi-bidirection mode)
�V VIN=�.4V
—
—
-9�0
μA
ILI
Input Leakage current� Ports 0� 1� �� �
(input mode)
�V 0.4�V<VIN<VDD-0.�
—
—
±10
μA
VBG
Bandgap reference with buffer voltage
(for A/D t�pe �CU Tin� Power IP)
—
—
-�%
1.1
+�%
V
IBG
Additional Power Consumption if Reference
with Buffer is used (for A/D t�pe �CU)
—
—
—
�00
�00
μA
ILVR
Additional Power Consumption if LVR is used
(for Tin� Power IP)
�V
LVR enable
—
7�
100
μA
�V
—
7�
100
ILVD
Additional Power Consumption if LVD is used
(for Tin� Power IP)
�V
LVD enable
—
7�
100
μA
�V
—
7�
100
VLVR1
Low Voltage Reset Voltage
—
LVR Enable� �.1V select
-�%
�.1
+�%
V
VLVR�
LVR Enable� �.��V select
�.��
VLVR�
LVR Enable� �.1�V select
�.1�
VLVR4
LVR Enable� 4.0V select
4.0
VLVD1
Low Voltage Detector Voltage
—
LVD Enable� �.0V Select
-�%.
�.0
+�%
V
VLVD�
LVD Enable� �.�V Select
�.�
VLVD�
LVD Enable� �.4V Select
�.4
VLVD4
LVD Enable� �.7V Select
�.7
VLVD�
LVD Enable� �.0V Select
�.0
VLVD6
LVD Enable� �.�V Select
�.�
VLVD7
LVD Enable� �.6V Select
�.6
VLVD8
LVD Enable� 4.�V Select
4.�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com