Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 226 page
background image
Rev. 1.00
�0 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
6 Pin Descriptions
With the exception of the power pins, all pins on these devices can be referenced by their Port
name, e.g. P0.0, P0.1 etc, which refer to the digital I/O function of the pins. However these Port
pins are also shared with other function such as the Analog to Digital Converter, Serial Port pins
etc. The function of each pin is listed in the following table, however the details behind how each
pin is configured is contained in other sections of the datasheet.
Pin Name
Function
OPT
I/T
O/T
Description
P0.0/ICPDA/TDA
P0.0
P0�0
P0�1
P0WAKE
ST
C�OS
General purpose I/O. Register selected I/O mode and wake-up
ICPDA
—
ICP Data Input/Output
TDA
—
Debug Data Input/Output
P0.1/C1OUT
P0.1
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
C1OUT
—
—
C�OS Comparator 1 Output
P0.�/SSN
P0.�
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
SSN
—
ST
—
SPI Slave select Input
P0.�/SCK
P0.�
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
SCK
—
ST
C�OS SPI Clock
P0.4/�ISO
P0.4
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
�ISO
—
ST
C�OS SPI �aster In Slave Out pin
P0.�/�OSI
P0.�
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
�OSI
—
ST
C�OS SPI �aster Out Slave In pin
P0.6/SCL
P0.6
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
SCL
—
—
N�OS I�C Clock
P0.7/SDA
P0.7
P0�0
P0�1
P0WAKE
ST
C�OS General purpose I/O. Register selected I/O mode and wake-up
SDA
—
—
N�OS I�C Data
P1.0/INT�/CC0
P1.0
P1�0
P1�1
ST
C�OS General purpose I/O. Register selected I/O mode
INT�
—
ST
—
External Interrupt � Input
CC0
—
ST
C�OS Compare/Capture input/output for PCA module 0
P1.1/INT4/CC1
P1.1
P1�0
P1�1
ST
C�OS General purpose I/O. Register selected I/O mode
INT4
—
ST
—
External Interrupt 4 Input
CC1
—
ST
C�OS Compare/Capture input/output for PCA module 1
P1.�/INT�/CC�
P1.�
P1�0
P1�1
ST
C�OS General purpose I/O. Register selected I/O mode
INT�
—
ST
—
External Interrupt � Input
CC�
—
ST
C�OS Compare/Capture input/output for PCA module �



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com