Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 43Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 44Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 47Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
Rev. 1.00
44 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
HT85F2270 Program Memory Contents
The HT85F2270 program memory is divided into 8 sectors, each with a capacity of 4k bytes.
Page
Address
Description
0
0x00~0x07
SECURITY1[0]~SECURITY1[7]
0x08~0x0F
Not used
0x10~0x17
SECURITY�[0]~SECURITY�[7]
0x18~0x1F
Not used
0x�0~0x6F
Reserved
0x70~0x7F
Reserved
1
0x80~0x87
Reserved
0x88~0x8F
Reserved
0x90~0x97
Reserved
0x98~0x9F
Reserved
0xA0~0xEF
Reserved
0xF0~0xFF
Reserved
HT85F2280 Program Memory Contents
The HT85F2280 program memory is divided into 16 sectors, each with a capacity of 4k bytes.
Page
Address
Description
0
0x00~0x0F
SECURITY1[0]~SECURITY1[1�]
0x10~0x1F
SECURITY�[0]~SECURITY�[1�]
0x�0~0x6F
Reserved
0x70~0x7F
Reserved
1
0x80~0x8F
Reserved
0x90~0x9F
Reserved
0xA0~0xEF
Reserved
0xF0~0xFF
Reserved
Security Bytes
Name
Description
SECURITY1[N]
Sector N Program/Erase Inhibited B�tes
0xFF: unprotected
Else: protected
SECURITY�[N]
Sector N Access Inhibited B�tes
0xFF: unprotected
Else: protected
Note: N=0~1�



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com