Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 29Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 30Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 31Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 32Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 33Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 226 page
background image
Rev. 1.00
�0 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
17 Arithmetic and Logic Unit – ALU
The arithmetic-logic unit or ALU is a critical area of the microcontroller that carries out arithmetic
and logic operations of the instruction set. Connected to the main microcontroller data bus,
the ALU receives related instruction codes and performs the required arithmetic or logical
operations after which the result will be placed in the specified register. As these ALU calculation
or operations may result in carry, borrow or other status changes, the status register will be
correspondingly updated to reflect these changes. The ALU supports the following functions:
■
Arithmetic operations: ADD, ADDC, SUBB, DA, MUL, DIV
■
Logic operations: ANL, ORL, XRL, CLR, CPL
■
Rotation: RL, RLC, RR, RRC, SWAP
■
Increment and Decrement: INC, DEC
■
Branch decision: JC, JNC, JB, JNB, JBC, ACALL, LCALL, RET, RETI, AJMP, SJMP, JMP, JZ,
JNZ, CJNE, DJNZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com