Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 39Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 40Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 41Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 42Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 43Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 44Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 45Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 46Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 226 page
background image
Rev. 1.00
4� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
■
Security Type 2
For the HT85F2280 device, the inhibit bytes SECURITY2[0:15] are located at the addresses
0x10~0x1F of the ID block page 0. If a value, with the exception of 0FFH, is written into these
bytes, the sectors corresponding to SECURITY2[0:15] cannot be programmed, erased or read
when in any mode. Since these bytes can only be written once, to release the respective sectors
in the unprotected mode, the device must be erased.
The following table illustrates the protection state in the OCDS/ICP/IAP/MOVC modes when
the SECURITY2[0:15] bytes are written with a value other than 0FFH:
SECURITY2[N]
N=0~15
Program
Erase
Read
Protect
Sector #
Remove
Protection
ICP
X
X
N/A(1)
N
Erase All
IAP
OCDS(�)
X(�)
X
X(4)
N
Erase All
�ain Program
X(�)
X
X(4)
N
Erase All
�
O
V
C
OCDS(�)
N/A(�)
X(4)
N
Erase All
�ain Program
N/A(�)
X(4)
N
Erase All
Note: (1) “N/A” means no path to read RO� code.
(�) “N/A” means none of these functions.
(�) “X” stands for inhibited; “O” stands for enabled.
(4) If a read operation is inhibited, reading to the Flash will return a fixed Flash code of 00H.
(�) When in the OCDS mode� onl� the OCDSINSTR instruction has the securit� protection
mechanism.
The following tables illustrate the corresponding address ID sectors and the inhibited bytes.
HT85F2260 Program Memory Contents
The HT85F2260 program memory is divided into 4 sectors, each with a capacity of 4k bytes.
Page
Address
Description
0
0x00~0x0�
SECURITY1[0]~SECURITY1[�]
0x04~0x0F
Not used
0x10~0x1�
SECURITY�[0]~SECURITY�[�]
0x14~0x1F
Not used
0x�0~0x6F
Reserved
0x70~0x7F
Reserved
1
0x80~0x8�
Reserved
0x84~0x8F
Reserved
0x90~0x9�
Reserved
0x94~0x9F
Reserved
0xA0~0xEF
Reserved
0xF0~0xFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com