Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 72Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 73Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 74Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 76Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 226 page
background image
Rev. 1.00
7� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Watchdog Timer Clock Source
The Watchdog Timer clock source is provided by an internal clock which is in turn supplied by
one of three sources selected by the WDTCS bit in the WDTCR register: a 32kHz clock or fSYS/16.
The 32kHz clock can be sourced from either the LXT or LIRC oscillators, selected by the LSOSEL
bit in the LSOCR register. The Watchdog Timer source clock is then subdivided by a ratio of 16 to
give a longer timeout. The LIRC internal oscillator has an approximate period of 32kHz at a supply
voltage of 5V. However, it should be noted that this specified internal clock period can vary with
VDD, temperature and process variations. The LXT oscillator is supplied by an external 32.768kHz
crystal. The other Watchdog Timer clock source option is the fSYS/16 clock.
Watchdog Timer Operation
The Watchdog Timer operates by providing a device reset when its 16-bit timer overflows. The
WDT is formed of two 8-bit registers, WDTL and WDTH, both of which are inaccessible to the
application program. The WDTH register of the Watchdog Timer is reloaded with the contents of
the WDTREL register. In the application program and during normal operation the user has to
strategically clear the Watchdog Timer before it overflows to prevent the Watchdog Timer from
executing a reset. This is done by setting the WDT and SWDT bits. If the program malfunctions
for whatever reason, jumps to an unknown location, or enters an endless loop, these clear-bit
instructions will not be executed in the correct manner as setup up by the user, in which case the
Watchdog Timer will overflow and reset the device. There are five bits, WE4~WE0, in the WDTCR
register to enable/disable the Watchdog Timer. The WE4~WE0 bits must be set to a specific value
of “10101” to disable the WDT. A value of “01010” will enable the WDT while any other value will
execute an MCU reset. Using this methodology, enhanced device protection is provided. After
power on, these bits will have a value of “01010” which is the WDT enable setup value, and the
WDT function will be enabled and began counting. The application program can disable the WDT
at the beginning of the program if it is not required.
Watchdog Timer Enable/Disable Control
WE4~WE0 Bits
WDT Function
01010B
Enable
10101B
Disable
Other values
Reset �CU
The watchdog timer must be refreshed regularly to prevent the reset request signal, WDTS,
from becoming active. This requirement imposes an obligation on the programmer to issue two
consecutive instructions. The first instruction is to set the WDT bit of the IEN0 register and the
second one is to set the SWDT bit in the IEN1 register. The maximum allowed delay time between
setting the WDT and SWDT bits is one instruction cycle, which means the instructions which set
the both bits should not be separated by any other instruction. If these instructions are not executed
consecutively then the WDT refresh procedure is incomplete and an unexpected WDT reset will
take place.
After the application program has set both the WDT and SWDT bits and the WDT refreshed, the
WDT bit as well the SWDT bit will be automatically cleared by hardware. The 8 high-order bits
of the Watchdog Timer are re-loaded with the contents of the WDTREL register. The larger the
WDTREL value, the shorter the WDT time out will be. For the maximum WDT time out value, the
WDTREL register should be cleared to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com