Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 226 page
background image
Rev. 1.00
8� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Comparator 0 Reset
Comparator 0 contains an output reset function which can provide a reset when the output of
Comparator 0 changes state. The Comparator 0 reset function is enabled by setting the CP0RST
bit in the CP0CR register. If the CP0RST is set high, the comparator 0 output bit, CP0OUT, will
determine if a Comparator 0 reset is generated or not. The CP0RSTL bit determines which polarity
of the CP0OUT bit generates the reset, The CMP0F bit in the RSTSRC register is used to indicate
the Comparator 0 reset source.
CP0CR Register
SFR Address: DEh
Bit
7
6
5
4
3
2
1
0
Label
—
CP0ON
CP0POL
CP0OUT
CP0OS
CP0RSTL
CP0RST
—
R/W
—
R/W
R/W
R
R/W
R/W
R/W
—
POR
—
0
0
0
1
0
0
—
Bit 7
Unimplemented, read as “0”
Bit 6
CP0ON: Comparator 0 on/off bit
Described elsewhere
Bit 5
CP0POL: Comparator 0 output polarity
Described elsewhere
Bit 4
CP0OUT: Comparator 0 output bit
Described elsewhere
Bit 3
CP0OS: Comparator 0 output path selection
Described elsewhere
Bit 2
CP0RSTL: Comparator 0 output reset selection – CP0RST=1
0: CP0OUT=0 will reset MCU
1: CP0OUT=1 will reset MCU
Bit 1
CP0RST: Comparator 0 output reset MCU control
0: Disable
1: Enable
Bit 0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com