Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 89Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
Rev. 1.00
86 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
ROM Code Check Reset
ID block addresses 0xF0~0xFF can be written into ROM codes such as the following table shows,
or a value of FFH which means no ROM codes are written into these addresses. When reading the
option table, the hardware will automatically compare with the ROM code pattern, if any one of the
ID block addresses has a mismatch, the MCU will automatically reset and re-read the option table
until all the ID block addresses are matched.
ID block address
ROM code
0xF0
01H/FFH
0xF1
��H/FFH
0xF�
4�H/FFH
0xF�
67H/FFH
0xF4
89H/FFH
0xF�
ABH/FFH
0xF6
CDH/FFH
0xF7
EFH/FFH
0xF8
FEH/FFH
0xF9
DCH/FFH
0xFA
BAH/FFH
0xFB
98H/FFH
0xFC
76H/FFH
0xFD
�4H/FFH
0xFE
��H/FFH
0xFF
10H/FFH
Reset Initial Conditions
The different types of reset described affect the reset flags in different ways. The following table
indicates the way in which the various components of the microcontroller are affected after a
power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset� WDT begins counting
Timer/Even Counters
Timer/Even Counters will be turned off
Input/Output Ports
I/O ports will be setup as a quasi-bidirection structure
Stack Pointer
Set to 007H value
The different kinds of resets all affect the internal registers of the microcontroller in different ways.
To ensure reliable continuation of normal program execution after a reset occurs, it is important to
know what condition the microcontroller is in after a particular reset occurs. The following table
describes how each type of reset affects each of the microcontroller internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com