Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 29Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 30Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 226 page
background image
Rev. 1.00
�7 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
12 Comparator Electrical Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VDD
Conditions
—
Comparator operating voltage
—
—
�.�
—
�.�
V
—
Comparator operating current
�V
LVDCR=00h� ADCR1=08h� i.e. select
internal bandgap voltage output (x�)
as VREFI
—
—
10
μA
—
Comparator power-down current
�V Comparator disable
—
—
0.1
μA
VC�POS
Comparator input offset voltage
�V
—
-10
—
+10
mV
VHP1
Positive H�steresis 1
�V CP(n)HP[1:0]=00b
—
0
1
mV
VHP�
Positive H�steresis �
�V CP(n)HP[1:0]=01b
�
6
10
mV
VHP�
Positive H�steresis �
�V CP(n)HP[1:0]=10b
6
1�
�0
mV
VHP4
Positive H�steresis 4
�V CP(n)HP[1:0]=11b
1�
��
40
mV
VHN1
Negative H�steresis 1
�V CP(n)HN[1:0]=00b
—
0
1
mV
VHN�
Negative H�steresis �
�V CP(n)HN[1:0]=01b
�
6
10
mV
VHN�
Negative H�steresis �
�V CP(n)HN[1:0]=10b
6
1�
�0
mV
VHN4
Negative H�steresis 4
�V CP(n)HN[1:0]=11b
1�
��
40
mV
VC�
Comparator common mode voltage range —
—
VSS
— VDD-1.4V
V
AOL
Comparator open loop gain
—
—
60
80
—
dB
tPD
Comparator response time
�V
With 100mV overdrive
—
4
—
μs
�V
Note: �easured with comparator one input pin at VC�=(VDD-1.4)/� while the other pin input transition from VSS to
(VC� +100mV) or from VDD to (VC� -100mV).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com