Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 60Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 226 page
background image
Rev. 1.00
64 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Phase Locked Loop – PLL
All devices contain a fully internal PLL function which is used to multiply the frequency of the
selected high speed oscillator, either HIRC or HXT. As all PLL functions are internal, no external
components, including those for the loop filter, are required.
The PLL is enabled by the PLLEN bit in the PLLCR register. After being enabled the PLL must
be given a certain amount of time to lock and stabilise. After the PLL is enabled the PLLRDY bit
should be monitored to indicate when the PLL has locked and is ready for use. If the PLL function
is disabled, then the high frequency oscillators can be used directly as the system clock. The PLL
input clock source, from either the HIRC or HXT oscillators, is determined by the PLLSRC bit in
the PLLCR register. The frequency multiplier range has a range of one to eight times, selected by
the PLLM0~PLLM2 bits in the PLLCR register.
Changing the PLL Frequency
After the PLL is enabled and is being used as the system clock, its frequency can be changed
dynamically by the application program, by programming the PLLM0~PLLM2 bits in the PLLCR
register. However the program must execute this operation in a specific way to ensure stable
frequency switching. There are a total of eight different PLL frequency multiplier selections,
however during dynamic PLL frequency changing, the multiplier value should only be changed
one stage at a time. In addition a recommended delay of at least 10 instruction cycles, which can
be implemented by 10 NOP instructions, should be inserted after each frequency multiplier stage
change to allow the PLL to re-lock and stabilise. Note that the PLLRDY bit will remain at a high
level during any dynamic PLL frequency change and cannot be used to indicate PLL stability after
the PLL changes frequency. The accompanying flowchart illustrates this point.
Example: Change the system clock from 8 MHz to 16 MHz
PLLCR register
PLLM 2:0 bits=001
PLLCR register
PLLM 2:0 bits=010
NOP × 10
fSYS=8MHz
NOP × 10
NOP × 10
PLLCR register
PLLM 2:0 bits=011
Delay to allow PLL to lock
fSYS=12MHz
Delay
fSYS=16MHz
Delay
16MHz system clock now ready for use
Note: 4�Hz HXT external cr�stal oscillator
PLL Frequency Changing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com