Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
Rev. 1.00
�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
7 Absolute Maximum Ratings
Supply Voltage ................................................................................................. VSS-0.3V to VDD+6.0V
Input Voltage ...................................................................................................VSS-0.3V to VDD+0.3V
Storage Temperature ...................................................................................................-50°C to 125°C
Operating Temperature ................................................................................................ -40°C to 85°C
IOLTotal ......................................................................................................................................150mA
IOH Total ................................................................................................................................... -100mA
Total Power Dissipation ...........................................................................................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute
Maximum Ratings” may cause substantial damage to the device. Functional operation of
this device at other conditions beyond those listed in the specification is not implied and
prolonged exposure to extreme conditions may affect device reliability.
8 D.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD1
Operating Voltage
(High Frequenc� Internal RC OSC)
— f
OSC
=fSYS=�.6864�Hz
(PLL disabled)
�.�
—
�.�
V
VDD�
Operating Voltage
(Cr�stal OSC)
— f
OSC
=fSYS=8�Hz
(PLL disabled)
�.�
—
�.�
V
VDD�
Operating Voltage
(PLL)
— f
OSC
=4�Hz (Cr�stal OSC)
fSYS=1��Hz (PLL × �)
�.7
—
�.�
V
VDD4
Operating Voltage
(PLL)
— f
OSC
=4�Hz (Cr�stal OSC)
fSYS=16�Hz (PLL × 4)
�.�
—
�.�
V
VDD�
Operating Voltage
(PLL)
— f
OSC
=4�Hz (Cr�stal OSC)
fSYS=�4�Hz (PLL × 6)
4.�
—
�.�
V
IDD1
Operating Current
(High Frequenc� Internal RC OSC)
�V No load� fOSC=fSYS=�.6864�Hz �
(PLL disabled) ADC off� DAC off�
WDT enable
—
�.0
8.0
mA
�V
—
10.0 1�.0
IDD�
Operating Current
(Cr�stal OSC)
�V No load� fOSC=fSYS=8�Hz �
(PLL disabled)
ADC off� DAC off� WDT enable
—
6.0
8.�
mA
�V
—
1�.�
�0
IDD�
Operating Current (PLL)
�V No load� fOSC=4�Hz (Cr�stal OSC)
fSYS=1��Hz (PLL × �)
ADC off� DAC off� WDT enable
—
8.0
1�.0
mA
�V
—
16
��
IDD4
Operating Current (PLL)
�V
No load�
fOSC=4�Hz (Cr�stal OSC)
fSYS=16�Hz (PLL × 4)
ADC off� DAC off� WDT enable
—
�0
�0
mA
IDD�
Operating Current (PLL)
�V
No load�
fOSC=4�Hz (Cr�stal OSC)
fSYS=�4�Hz (PLL × 6)
ADC off� DAC off� WDT enable
—
�8
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com