Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 75Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 76Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 77Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 78Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 226 page
background image
Rev. 1.00
79 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
RESET Pin Reset
For most applications a resistor connected between VDD and the RESET pin and a capacitor
connected between VSS and the RESET pin will provide a suitable external reset circuit. Any
wiring connected to the RESET pin should be kept as short as possible to minimise any stray noise
interference. For applications that operate within an environment where more noise is present the
Enhanced Reset Circuit shown is recommended.
RESET
VDD
0.1µF
Basic Reset Circuit
100kΩ
RESET
VDD
100kΩ
0.1μF
10kΩ
0.01μF
Enhanced Reset Circuit
This type of reset occurs when the microcontroller is already running and the RESET pin is
forcefully pulled low by external hardware such as an external switch. In this case as in the case
of other resets, the Program Counter will reset to zero and program execution initiated from this
point. Note that, during the power-up sequence, the reset circuit should make sure that the external
reset to be released after the internal power-on reset is over plus a suitable delay time. To improve
the noise immunity, the low portion of external reset signal must be greater than that specified by
tRES in the A.C. characteristics, for the internal logic to recognise a valid reset. When a RESET pin
reset takes place, the XRSTF bit in the RSTSRC register will be set high to indicate this reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com