Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 78Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 226 page
background image
Rev. 1.00
8� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Missing Clock Detect Reset
The device provides a missing clock detection function which can generate a reset in the absence
of a system clock. The missing clock detect reset function is enabled by setting the MCD bit in the
T2CON1 register. If the MCD bit is set high and if there is a system clock missing event happens,
then the Missing Clock Detect reset will be generated. The MCDF bit in the RSTSRC register is
used to indicate a missing clock reset source.
T2CON1 Register
SFR Address: FEh
Bit
7
6
5
4
3
2
1
0
Label
—
—
—
�CD
T�OI
T�OE
—
—
R/W
—
—
—
R/W
R/W
R/W
—
—
POR
—
—
—
0
1
0
—
—
Bit 7~5
Unimplemented, read as “0”
Bit 4
MCD: Missing Clock Detection Reset control
0: Disable
1: Enable
Note that this bit should be cleared manually before entering the Power-Down mode, or
it will cause a “Missing Clock Reset” after entering the Power-Down mode.
Bit 3
T2OI: Timer 2 output initial state
Described elsewhere
Bit 2
T2OE: Timer 2 output enable bit
Described elsewhere
Bit 1~0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com