Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 226 page
background image
Rev. 1.00
�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
9 A.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
fSYS1
S�stem clock (Cr�stal OSC)
�.�V~�.�V
PLL Disable
0.4
—
8
�Hz
�.7V~�.�V
0.4
—
1�
4.�V~�.�V
0.4
—
�4
fSYS�
S�stem clock (PLL)
4.�V~�.�V Cr�stal OSC=4�Hz� PLL Enable
4
—
��
�Hz
fLIRC
��kHz Internal RC oscillator
�V
Ta=��°C
-10%
��
+10%
kHz
�.�V~�.�V Ta=-40°C~8�°C
-�0%
��
+60%
fHIRC
�.6864�Hz Internal RC oscillator
�V
Ta=��°C
-�% �.6864 +�%
�Hz
�V
Ta=��°C
-�% �.6864 +�%
fTI�ER
Timer Input Frequenc� (T0~T�)
�.�V~�.�V fSYS=8�Hz
0
—
�
�Hz
�.7V~�.�V fSYS=1��Hz
0
—
�
4.�V~�.�V fSYS=�4�Hz
0
—
6
tRES
External Reset �inimum Low Pulse width
—
—
1
�.�
�
μs
t�CD
�issing Clock Detector Timeout
—
Time from last s�stem clock to
reset initiation
100
��0
�00
μs
tSST
S�stem start-up timer period (Power-up or
wake-up from Power-Down mode when
the main oscillator is off or s�stem clock is
switching between HXT and HIRC)
—
fSYS=HXT or HIRC
—
10�4
—
tSYS
tRSTD
S�stem Reset Dela� Time (LVR reset)
—
—
16
��
64
ms
tSRESET
Software Reset Width to Reset
—
—
4�
90
1�0
μs
tHTO
HIRC Turn On Period
�.�V~�.�V HIRC OFF → ON
—
�00
—
μs
tINT
External Interrupt �inimum Pulse Width
—
�CU is in Normal mode or Idle
mode
—
4
—
tSYS
tLVR
Low Voltage Width to Reset
—
—
1�0
�40
480
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com