Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 226 page
background image
Rev. 1.00
�� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Pin Name
Function
OPT
I/T
O/T
Description
P4.�/AIN.�
P4.�
P4�0
P4�1
ST
C�OS General purpose I/O. Register selected I/O mode
AIN.�
—
AN
—
ADC Input Channel �
P4.4/AIN.4
P4.4
P4�0
P4�1
ST
C�OS General purpose I/O. Register selected I/O mode
AIN.4
—
AN
—
ADC Input Channel 4
P4.�/AIN.�
P4.�
P4�0
P4�1
ST
C�OS General purpose I/O. Register selected I/O mode
AIN.�
—
AN
—
ADC Input Channel �
P4.6/AIN.6
P4.6
P4�0
P4�1
ST
C�OS General purpose I/O. Register selected I/O mode
AIN.6
—
AN
—
ADC Input Channel 6
P4.7/AIN.7
P4.7
P4�0
P4�1
ST
C�OS General purpose I/O. Register selected I/O mode
AIN.7
—
AN
—
ADC Input Channel 7
P�.0~P�.�
P�.0~P�.�
P��0
P��1
ST
C�OS General purpose I/O. Register selected I/O mode
P�.4/C0OUT
P�.4
P��0
P��1
ST
C�OS General purpose I/O. Register selected I/O mode
C0OUT
—
—
C�OS Comparator 0 Output
P�.�/XT1
P�.�
P��0
P��1
ST
C�OS General purpose I/O. Register selected I/O mode
XT1
—
LXT
—
Low Frequenc� Cr�stal Oscillator
P�.6/XT�
P�.6
P��0
P��1
ST
C�OS General purpose I/O. Register selected I/O mode
XT�
—
—
LXT
Low Frequenc� Cr�stal Oscillator
P�.7/DAC
P�.7
P��0
P��1
ST
C�OS General purpose I/O. Register selected I/O mode
DAC
—
—
C�OS DAC Output
CP0-/CP0+
CP0-
—
AN
—
Comparator 0 Inverting Input
CP0+
—
AN
—
Comparator 0 Non-Inverting Input
CP1-/CP1+
CP1-
—
AN
—
Comparator 1 Inverting Input
CP1+
—
AN
—
Comparator 1 Non-Inverting Input
OSC1
OSC1
—
HXT
—
High Frequenc� Cr�stal Oscillator
OSC�
OSC�
—
—
HXT
High Frequenc� Cr�stal Oscillator
RESET/ICPCK/TCK
RESET
—
ST
—
RESET pin
ICPCK
—
ST
—
ICP Clock Input
TCK
—
ST
—
Debug Clock Input
VREF
VREF
—
AN
—
Reference Voltage for ADC/DAC
VDD
VDD
—
PWR
—
Positive Power suppl� for CORE
VCCA1
VCCA1
—
PWR
—
Positive Power suppl� for I/O pad
VCCA�
VCCA�
—
PWR
—
Positive Power suppl� for DAC
VCCA�
VCCA�
—
PWR
—
Positive Power suppl� for ADC
VSS
VSS
—
PWR
—
Negative Power suppl�
Note: I/T: Input t�pe;
O/T: Output t�pe;
ST: Schmitt Trigger input
OPT: Optional by configuration option (CO) or register option
PWR: Power;
N�OS: N�OS output
C�OS: C�OS output;
AN: Analog input pin
LXT: low frequenc� cr�stal oscillator;
HXT: high frequenc� cr�stal oscillator
Where devices exist in more than one package type the table reflects the situation for the package with the
largest number of pins. For this reason not all pins described in the table may exist on all package types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com