Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 13Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 14Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 15Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 16Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 17Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 18Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 19Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 20Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 226 page
background image
Rev. 1.00
17 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
3 Selection Table
Most features are common to all devices, the main feature distinguishing them are Program
Memory and Data memory capacity, A/D channels, UART numbers and packages. The following
table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
I/O
Ext.
Interrupt 16-bit Timer 16-bit PCA Time Base
HT8�F��60
�.�V~�.�V
16K×8
1�80×8
��
7
4
CCU×4
1
HT8�F��70
�.�V~�.�V
��K×8
��04×8
48
7
4
CCU×4
1
HT8�F��80
�.�V~�.�V
64K×8
��04×8
48
7
4
CCU×4
1
Part No.
A/D
D/A
Comparator
I2C
SPI
UART
Temp.
Sensor
package
HT8�F��60
1�-bit×7
1�-bit×1
�
√
√
1
√
48LQFP
HT8�F��70
1�-bit×9
1�-bit×1
�
√
√
�
√
48/64 LQFP
HT8�F��80
1�-bit×9
1�-bit×1
�
√
√
�
√
48/64 LQFP
Note: CCU stands for Compare/Capture Unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com