Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 77Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 78Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 79Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 80Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 226 page
background image
Rev. 1.00
81 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Watchdog Reset
All devices contain a Watchdog Timer which is used as a protection feature. The Watchdog
Timer has to be periodically cleared by the application program and prevented from overflowing
during normal MCU operation. However should the program enter an endless loop or should
external environmental conditions such as noise causes the device to jump to unpredicted program
locations, the Watchdog Timer will overflow from FFFFh to 0000h, and generate an MCU reset.
Refer to the Watchdog Timer section for more details regarding the Watchdog Timer operation.
When a Watchdog Reset occurs the WDTS bit in the IP0 register will be set to indicate the reset
source. Note that this bit must be reset by the application program.
IP0 Register
SFR Address: B8h
Bit
7
6
5
4
3
2
1
0
Name
—
WDTS
PT�
PS0
PT1
PX1
PT0
PX0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit 7
Unimplemented, read as “0”
Bit 6
WDTS: Watchdog timer reset indication flag
0: No Watchdog timer reset
1: Watchdog timer reset
This bit must be cleared by the application program as it will not be automatically
cleared by hardware.
Bit 5
PT2: Timer 2 Interrupt priority
Described elsewhere
Bit 4
PS0: Serial Port 0 Interrupt priority
Described elsewhere
Bit 3
PT1: Timer 1 Interrupt priority
Described elsewhere
Bit 2
PX1: External interrupt 1 priority
Described elsewhere
Bit 1
PT0: Timer 0 Interrupt priority
Described elsewhere
Bit 0
PX0: External interrupt 0 priority
Described elsewhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com