Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 61Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 62Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 63Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
Rev. 1.00
6� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
PLL Control Register – PLLCR
SFR Address: EDh
Bit
7
6
5
4
3
2
1
0
Name
PLLEN
PLLRDY
—
PLLSRC
—
PLL��
PLL�1
PLL�0
R/W
R/W
R
—
R/W
—
R/W
R/W
R/W
POR
0
0
—
0
—
0
0
0
Bit 7
PLLEN: PLL enable/disable control
0: PLL disable
1: PLL enable
Bit 6
PLLRDY: PLL output ready indication flag
0: Not ready
1: Ready
After the PLL is enabled this bit is used to indicate when the PLL is locked and ready
for use. This bit will be initially cleared to zero by hardware when the device is powered
on. The bit will be cleared to zero if the PLL is in use and is then disabled but will not
be cleared if the PLL changes frequency.
Bit 5
Unimplemented, read as “0”
Bit 4
PLLSRC: PLL Clock Source Select
0: HIRC clock source
1: HXT clock source
Note that if the PLL clock source is selected to be the external oscillator, HXT, the
crystal frequency should be 4MHz.
Bit 3
Unimplemented, read as “0”
Bit 2~0
PLLM2, PLLM1, PLLM0: PLL Frequency Multiplier select
000: ×1
001: ×2
010: ×3
011: ×4
100: ×5
101: ×6
110: ×7
111: ×8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com