Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 89 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 89 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 89Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 90Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 91Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 92Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 93Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 226 page
background image
Rev. 1.00
89 of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
Register Name
Power-On Reset
External Reset
WDT Time-out
Reset
Software Reset
LSOCR
- - - 1_- - 0- b
- - - 1_- - 0- b
- - - 1_- - 0- b
- - - 1_- - 0- b
HSOCR
--01_--01b
--01_--01b
--01_--01b
--01_--01b
B
0000_0000b
0000_0000b
0000_0000b
0000_0000b
ADCR0
0110_0000b
0110_0000b
0110_0000b
0110_0000b
ADCR1
00-0_0000b
00-0_0000b
00-0_0000b
00-0_0000b
ADCR�
0000_0000b
0000_0000b
0000_0000b
0000_0000b
ADPGA
----_-000b
----_-000b
----_-000b
----_-000b
ADRL(ADRFS=0)
0000_----b
0000_----b
0000_----b
0000_----b
ADRH(ADRFS=0)
0000_0000b
0000_0000b
0000_0000b
0000_0000b
SRST
----_---0b
----_---0b
----_---0b
----_---1b
F�CR
01--_-000b
01--_-000b
01--_-000b
01--_-000b
F�KEY
0000_0000b
0000_0000b
0000_0000b
0000_0000b
F�AR0
0000_0000b
0000_0000b
0000_0000b
0000_0000b
F�AR1
0000_0000b
0000_0000b
0000_0000b
0000_0000b
F�AR�
0000_0000b
0000_0000b
0000_0000b
0000_0000b
F�DR
0000_0000b
0000_0000b
0000_0000b
0000_0000b
T�CON1
---0_10--b
---u_10--b
---u_10--b
---u_10--b
RSTSRC
-000_0x01b
-000_0010b
-000_0000b
-000_0000b
Register Name
WDTCR Reset
LVR Reset
LVRCR Reset
Comparator0 Reset
MCD Reset
Program Counter
0000h
0000h
0000h
0000h
0000h
P0
1111_1111b
1111_1111b
1111_1111b
1111_1111b
1111_1111b
SP
0000_0111b
0000_0111b
0000_0111b
0000_0111b
0000_0111b
DPL
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
DPH
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
DPL1
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
DPH1
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
WDTREL
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
PCON
0---_1000b
0---_1000b
0---_1000b
0---_1000b
0---_1000b
TCON
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
T�OD
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
TL0
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
TL1
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
TH0
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
TH1
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
T�PRE
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
P1
1111_1111b
1111_1111b
1111_1111b
1111_1111b
1111_1111b
P0WAKE
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
DPS
----_---0b
----_---0b
----_---0b
----_---0b
----_---0b
DPC
----_0000b
----_0000b
----_0000b
----_0000b
----_0000b
WDTCR
0101_0--0b
0101_0--0b
0101_0--0b
0101_0--0b
0101_0--0b
S0CON
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
S0BUF
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b
IEN�
----_-000b
----_-000b
----_-000b
----_-000b
----_-000b
S1CON
0-00_0000b
0-00_0000b
0-00_0000b
0-00_0000b
0-00_0000b
S1BUF
0000_0000b
0000_0000b
0000_0000b
0000_0000b
0000_0000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com