Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85F2270 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT85F2270
Description  Standard 8051 8-Bit Flash MCU
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2270 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT85F2270 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2270 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 226 page
background image
Rev. 1.00
8� of ��6
�a� 1�� �01�
Standard 8051 8-Bit Flash MCU
HT85F2260/HT85F2270/HT85F2280
WDTCR Register Software Reset
A WDTCR software reset will be generated when a value other than “10101” or “01010”, exist in
the highest five bits of the WDTCR register. The WRF bit in the RSTSRC register will be set high
when this occurs, thus indicating the generation of a WDTCR software reset.
WDTCR Register
SFR Address: 96h
Bit
7
6
5
4
3
2
1
0
Name
WE4
WE�
WE�
WE1
WE0
—
—
WDTCS
R/W
R/W
R/W
R/W
R/W
R/W
—
—
R/W
POR
0
1
0
1
0
—
—
0
Bit 7~3
WE4~WE0: WDT function software control
10101: Disable
01010: Enable – default
Other values: Reset MCU
If the MCU reset is caused by WE[4:0] in WDTC software reset, the WRF flag of
RSTSRC register will be set.
Bit 2~1
Unimplemented, read as “0”
Bit 0
WDTCS: Watchdog clock (fWDT) select
Described elsewhere
LVRCR Register Software Reset
An LVRCR software reset will be generated when a value other than “01010101”, “00110011”,
“10011001” and “10101010”, exist in the LVRCR register. The LRF bit in the RSTSRC register
will be set high when this occurs, thus indicating the generation of an LVRCR software reset. The
LVRCR register value will be rest to a value of 01010101B after any reset other than the LVR reset,
and will remain unchanged after an LVR reset or during a WDT time out in the Power-Down mode.
LVRCR Register
SFR Address: EAh
Bit
7
6
5
4
3
2
1
0
Name
LVS7
LVS6
LVS�
LVS4
LVS�
LVS�
LVS1
LVS0
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit 7~0
LVS7~LVS0: LVR Voltage Select control
01010101: 2.1V – default value
00110011: 2.55V
10011001: 3.15V
10101010: 4.0V
Any other value: Generates MCU reset – register is reset to POR value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com