Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 26 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 26 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 22Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 23Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 24Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 25Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 26Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 27Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 28Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 29Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
MRF49XA
DS70590C-page 26
Preliminary
© 2009-2011 Microchip Technology Inc.
EQUATION 2-2:
REGISTER 2-6:
CFSREG: CENTER FREQUENCY VALUE SET REGISTER (POR: 0xA680)
W-1
W-0
W-1
W-0
W-0
W-1
W-1
W-0
CCB<15:12>
FREQB<11:8>
bit 15
bit 8
W-1
W-0
W-0
W-0
W-0
W-0
W-0
W-0
FREQB<7:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
CCB<15:12>: Command Code bits
The command code bits (1010b) are serially sent to the microcontroller to identify the bits to be written
in the CFSREG.
bit 11-0
FREQB<11:0>: Center Frequency Set bits
These bits set the center frequency to be used during transmit or receive. The 12-bit value (FVAL) must
be in a decimal range of 96 to 3903. The value outside this range results in the previous value being
retained and used such that no frequency change occurs(1).
Note 1: To calculate the center frequency (F0), use Equation 2-2 and the values from Table 2-5. The CFSREG
sets the frequency within the selected band for transmit or receive. Each band has a range of frequencies
available for changing channels or frequency hopping. The selectable frequencies for each band are given
in Table 2-6.
F0 = 10 x FA1 x (FA0 + FVAL/4000) MHz
where:
FVAL = Decimal Value of FREQB<11:0> = 96 < FVAL < 3903
Where FA0 and FA1 are constant values as given in Table 2-5 to calculate the Center Frequency.
TABLE 2-5:
CENTER FREQUENCY VALUE
Range
FA1
FA0
433 MHz
1
43
868 MHz
2
43
915 MHz
3
30
TABLE 2-6:
FREQUENCY BAND TUNING RESOLUTION
Frequency Band (MHz)
Min. (MHz)
Max. (MHz)
Tuning Resolution (kHz)
400
430.2400
439.7575
2.5
800
860.4800
879.5150
5.0
900
900.7200
929.2725
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com