Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 50 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 50 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 46Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 47Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 48Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 49Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 50Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 51Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 52Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 102 page
background image
MRF49XA
DS70590C-page 50
Preliminary
© 2009-2011 Microchip Technology Inc.
3.7
Automatic Frequency Control
The AFC block operates in two modes and these
modes depend on the strobe signals which are
governed by the MFCS bit (AFCCREG<3>). The two
operating modes are as follows:
• Manual mode
• Automatic mode
Manual mode: In this mode, the microcontroller
provides the manual frequency control strobe signal.
See Register 2-3 (AFCCREG) for more details. One
measurement cycle can compensate for around 50% –
60% of the actual frequency offset. Two measurement
cycles can compensate for 80% and three measurement
cycles can compensate for 92% of the actual frequency
offset. The AFCCT bit (STSREG<5>) is used to
determine when the actual measurement cycle has
been completed.
Automatic mode: In this mode, the strobe signal from
the microcontroller is not required to update the
Frequency Offset register block, as shown in
Figure 3-6. The AFC circuit is automatically enabled
when the DIO indicates the potential incoming signal
during the entire measurement cycle and measures the
same result in two subsequent cycles. Without AFC,
the transmitter and the receiver need to be tuned
precisely to the same frequency. The RX/TX frequency
offset can lower the range. The units must be adjusted
carefully during the production. To avoid drift, a stable
and efficient crystal must be used or the output power
needs to be increased to compensate for yield loss.
The AFC block calculates the TX/RX offset using the
OFFSB bits (STSREG<3:0>). This value is used to pull
the RX synthesizer close to the transmitter frequency.
The benefits of the AFC feature are:
• Low-cost crystal can be used
• Temperature or aging drift will not cause range
loss
• Production alignment is not needed
Figure 3-6 depicts the AFC circuit for frequency offset
correction.
The Automatic mode Selection bits, AUTOMS<1:0>
(AFCCREG<7:6>), select the type of operation
(automatic or manual) for performing the AFC based on
the status of the MFCS bit (AFCCREG<3>). There are
four types of operation modes for controlling the
frequency:
1.
(AUTOMS1 = 0, AUTOMS0 = 0): Automatic
operation of AFC is off. The MFCS bit is
controlled by the microcontroller.
2.
(AUTOMS1 = 0, AUTOMS0 = 1): The circuit
measures the frequency offset only once after
power-up. Hence, extended TX to RX distance
can be achieved. In the actual application, when
the user applies a battery, the circuit measures
and compensates for the frequency offset
caused by the crystal tolerances. This method
allows the use of a low-cost quartz crystal in the
application and provides protection against
interference.
3.
(AUTOMS1 = 1, AUTOMS0 = 0): The
frequency offset is automatically calculated
and the center frequency is corrected when
the DIO is high. When DIO goes low, the
calculated value is dropped.
The two methods recommended for improving the
accuracy of the AFC calculation are as follows:
• The transmit package should start with a low
effective baud rate pattern (i.e., 00110011b) as it
is easier to receive. The circuit automatically
measures the frequency offset during this initial
pattern and changes the receiving frequency
accordingly. The remaining part of the package
will be received by the corrected frequency
settings.
• The transmitter sends the first part of the packet
with a higher deviation step than required during
normal operation to help reception. After the
frequency shift correction, the deviation can be
reduced.
In both methods, when the DIO indicates poor receiving
conditions (i.e., when DIO goes low), the output register
is automatically cleared. This mode (Drop Offset mode)
is used when the receiver communicates with more than
one transmitter.
4.
(AUTOMS1 = 1, AUTOMS0 = 1): This mode
(Keep Offset mode) is similar to Drop Offset
mode, but is recommended for use when the
receiver
communicates
with
only
one
transmitter. After a complete measuring cycle,
the measured value is kept independent of the
state of the DIO signal. In this mode, the DRSSI
limit should be carefully selected to minimize the
range hysteresis.
The AFC Offset Value (OFFSB<3:0> bits in the status
word) is represented as a two’s complement number.
The actual frequency offset is calculated as the AFC
offset value multiplied by the current PLL frequency
step (see Register 2-6 for more details).
The actual RX/TX offset can be monitored by using the
AFC status report (i.e., AFCCT bit) included in the status
word of the receiver. By reading out the status word, the
actual measured offset frequency can be derived. To get
accurate values, the AFC has to be disabled during read
by clearing the FOFEN bit (AFCCREG<0>).
The registers associated with AFC are:
•STSREG (see Register 2-1)
• AFCCREG (see Register 2-3)
• CFSREG (see Register 2-6)
• RXCREG (see Register 2-7)
• PLLCREG (see Register 2-17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com