Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 30 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 30 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 26Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 27Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 28Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 29Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 30Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 31Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 32Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 33Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
MRF49XA
DS70590C-page 30
Preliminary
© 2009-2011 Microchip Technology Inc.
EQUATION 2-3:
DQIpar = 4 x (Deviation – TX/RXoffset)/Bit Rate
TABLE 2-7:
DATA RATE VS. FILTER
CAPACITOR VALUE
Data Rate
Filter Capacitor Value
1.2 kbps
12 nF
2.4 kbps
8.2 nF
4.8 kbps
6.8 nF
9.6 kbps
3.3 nF
19.2 kbps
1.5 nF
38.4 kbps
680 pF
57.6 kbps
270 pF
115.2 kbps
150 pF
256 kbps
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com