Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 60 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 60 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 56Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 57Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 58Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 59Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 60Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 61Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 62Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 63Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 102 page
background image
MRF49XA
DS70590C-page 60
Preliminary
© 2009-2011 Microchip Technology Inc.
FIGURE 3-11:
INPUT POWER VS. ANALOG RSSI VOLTAGE
3.13.1
RELATIONSHIP BETWEEN RSSI
AND CLOCK RECOVERY
The DIO signal response time setting is configured
through RXCREG and has the following modes of
operation:
• Normal mode
• Slow mode
• Medium mode
•Fast mode
These operation modes are configurable through
BBFCREG.
In Medium mode, the DIO signal is active when the
CR_LOCK and the DRSSI or the DQI signals are high.
The DIO goes low when either the CR_LOCK turns
inactive, or the DRSSI or DQI signals go low. For more
details on DQI, see Section 3.11, Data Quality
Indicator.
3.13.2
RELATIONSHIP BETWEEN RSSI
AND AFC
The Keep Offset mode of automatic configuration of
AFC (i.e., AUTOMS1 = 1, AUTOMS0 =
1) is
recommended to be used when a receiver operates
with only one transmitter. After a complete measuring
cycle, the measured value is kept independent from
the state of the DIO signal. In this mode, the DRSSI
limit should be carefully selected to minimize the range
hysteresis.
The registers associated with RSSI are:
•STSREG (see Register 2-1)
• GENCREG (see Register 2-2)
• RXCREG (see Register 2-7)
• PMCREG (see Register 2-13)
TABLE 3-2:
DIGITAL RSSI THRESHOLD LEVELS
RSSI Threshold
DRSSIT2
DRSSIT1
DRSSIT0
Reserved
11
1
Reserved
11
0
-73
10
1
-79
10
0
-85
01
1
-91
01
0
-97
00
1
-103
00
0
0
0.2
0.4
0.6
0.8
1
1.2
-112
-102
-92
-82
-72
-62
-52
-42
Input Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com