Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 36 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 36 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 32Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 33Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 34Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 35Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 36Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 37Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 38Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 39Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
MRF49XA
DS70590C-page 36
Preliminary
© 2009-2011 Microchip Technology Inc.
REGISTER 2-13:
PMCREG: POWER MANAGEMENT CONFIGURATION REGISTER
(POR: 0x8208)
W-1
W-0
W-0
W-0
W-0
W-0
W-1
W-0
CCB<15:8>
bit 15
bit 8
W-0
W-0
W-0
W-0
W-1
W-0
W-0
W-0
RXCEN
BBCEN(1)
TXCEN
SYNEN
OSCEN
LBDEN
WUTEN(3)
CLKOEN
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (10000010b) are serially sent to the microcontroller to identify the bits to be
written in the PMCREG.
bit 7
RXCEN: Receiver Chain Enable bit
The receiver chain consists of a baseband circuit, synthesizer and crystal oscillator.
1 = Enables receiver chain
0 = Disables receiver chain
bit 6
BBCEN: Baseband Circuit Enable bit(1)
The baseband circuit, synthesizer and oscillator work together to demodulate and recover the data
transmitted to the synthesizer (SYNEN bit). The OSCEN bit must be enabled along with the baseband
circuits in order to receive data.
1 = Enables baseband circuit
0 = Disables baseband circuit
bit 5
TXCEN: Transmit Chain Enable bit
The transmit chain consists of power amplifier, synthesizer, oscillator and transmit register.
1 = Enables the transmitter chain and starts transmission (if the TX register is enabled)
0 = Disables transmitter chain
bit 4
SYNEN: Synthesizer Enable bit
The synthesizer consists of a PLL, oscillator and VCO for controlling the channel frequency.
1 = Enables the synthesizer
0 = Disables the synthesizer
bit 3
OSCEN: Crystal Oscillator Enable bit
1 = Enables the crystal oscillator
0 = Disables the crystal oscillator
bit 2
LBDEN: Low Battery Detector Enable bit
The battery detector can be programmed to 32 different threshold levels(2).
1 = Enables the battery voltage detector circuit
0 = Disables the battery voltage detector circuit
bit 1
WUTEN: Wake-up Timer Enable bit(3)
1 = Enables the wake-up timer circuit
0 = Disables the wake-up timer circuit
Note 1: This bit can be disabled to reduce current consumption.
2: See BCSREG (Register 2-16) for programming details.
3: See WTSREG (Register 2-14) for details on programming the wake-up timer value.
4: If the CLKOEN bit is cleared by enabling the clock output, the oscillator continues to run even if the
OSCEN bit is cleared. The device will not fully enter into the Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com