Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 93 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 93 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 89Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 90Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 91Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 92Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 93Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 94Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 95Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 96Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 93
MRF49XA
APPENDIX A: READ SEQUENCE
AND PACKET
STRUCTURES
Figure 1 shows the STSREG read sequence with FIFO
read as an example.
FIGURE A-1:
STSREG READ SEQUENCE
Note: 1. Applicable when the RXCEN bit is set using the PMCREG.
2. Applicable when the RXCEN bit is cleared using the PMCREG.
3. These bits are internally latched and the other bits are only multiplexed out.
SCK
0
1
3
4
2
5
6
7
8
9
10
11
12
13
14
15
16
17
POR
TXRXFIFO
CLKRL
TXOWR
XOF
WUTI
NT
LCE
XINT
LBTD
FIFO
EM
ATRS
SI
DQDO
OFFSV
AFCCT
(Latched)
OFFSB
<3>
OFFSB
<2>
OFFSB
<1>
OFFSB
<0>
FO
FO+1
FO+2
(Latched) (Latched) (Latched) (Latched)
(Sign)
Command
FIFO Out
Status Bits Out
Interrupt Bits Out
SDI
SDO
CS
(1)(2)(3)
(1,2,3)
(1,2,3)
TABLE A-1:
RECOMMENDED FIFO PACKET STRUCTURES
Length
Preamble
Synchronous Word/Network ID Payload
CRC
Minimum Length
4-8 bits (0x0A or 0x05)
0xD4 (programmable)
—
4-bit-1 byte
Recommended Length 8-12 bits (e.g., 0xAA or 0x55)
0x2DD4 (D4 is programmable)
—
2 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com