Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 56 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 56 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 52Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 54Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 55Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 56Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 57Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 58Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 59Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
MRF49XA
DS70590C-page 56
Preliminary
© 2009-2011 Microchip Technology Inc.
3.10
Baseband/Data Filtering
The baseband receiver has several programming
options to optimize the communication for a wide range
of applications. The programmable functions are as
follows:
• Baseband Analog Filter
• Baseband Digital Filter
• Receive Bandwidth
• Receive Data Rate
• Clock Recovery
A suitable bandwidth should be used to achieve various
FSK deviation, data rate and crystal tolerance require-
ments. The filter structure is a 7th order, Butterworth
low-pass with 40 dB suppression at twice the bandwidth
frequency. Offset cancellation is done by using a
high-pass filter, with a cutoff frequency below 7 kHz, in
order to achieve the best possible frequency response in
baseband and a good flat response in the pass band.
Figure 3-8 shows the full baseband amplifier transfer
function. This optimizes the chip area, cost and channel
separation.
FIGURE 3-8:
FULL BASEBAND AMPLIFIER TRANSFER FUNCTION (BW = 67 kHz)
The receive bandwidth is programmable from 67 kHz to
400 kHz to accommodate various FSK modulation
deviations. If the deviation is known for a given
transmitter, good results are obtained with a bandwidth
of at least twice the transmitter FSK deviation.
Example 3-1 shows the method to calculate the
recommended frequency deviation and BBBW for the
given specifications.
EXAMPLE 3-1:
FREQUENCY DEVIATION AND BBBW CALCULATION
-140
-120
-100
-80
-60
-40
-20
0
20
40
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
Frequency (Hz)
• Data Rate – 9.6 kbps
• Crystal Accuracy – 40 ppm
• Frequency Band – 915 MHz
•fxerror by the Crystal: 40 x (915000/1000000) = 36.6 kHz
Deviation = Data Rate + 2 x fxerror + 10 = 9.6 + 2 x 36.6 + 10 = 92.8 kHz
The closest possible deviation is 90 kHz.
BBBW = Deviation x 2 – 10 kHz = 90 x 2 – 10 = 170 kHz
The closest possible BBBW is 200 kHz.
The FSK modulated deviation for this example is shown in Figure 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com