Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 44 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 44 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 40Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 41Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 42Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 44Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 45Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 46Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 47Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
MRF49XA
DS70590C-page 44
Preliminary
© 2009-2011 Microchip Technology Inc.
3.1.2
POWER GLITCH RESET
Spikes or glitches are found on the VDD line if the power
supply filtering is not satisfactory, or the internal
resistance of the power supply is very high. So, in this
case, the Sensitive Reset mode needs to be enabled.
Here, the device Reset occurs due to the transients
present on the VDD line.
The internal Reset block has two basic modes of
operation:
• Sensitive Reset mode
• Normal Reset mode
Sensitive Reset mode: Enabling the Sensitive Reset,
a Reset is generated if:
• the positive going edge of the VDD has a rising
rate greater than 100 mV/ms, and
• the voltage difference between the internal ramp
signal and the VDD reaches the Reset threshold
voltage (600 mV).
The Sensitive Reset mode is the default mode which
can
be
changed
using
the
DRSTM
bit
(FIFORSTREG<0>). Figure 3-2 shows the Sensitive
Reset mode.
Normal Reset mode: The device enters this mode,
when the power glitch detection circuit is disabled.
Figure 3-3 shows the Normal Reset mode.
If the Sensitive mode is disabled and the power supply
is turned off, the VDD requires 250 mV to trigger a
Power-on Reset when the supply voltage is reapplied.
If the decoupling capacitors retain their charges for a
longer duration, there might be no Reset after
power-up as the power glitch detector is disabled.
FIGURE 3-2:
SENSITIVE RESET ENABLED
Note: Negative change in the supply voltage does
not cause a Reset event unless the VDD
level reaches the Reset threshold voltage
(i.e., 250 mV in Normal Reset mode, 1.6V in
Sensitive Reset mode).
Note: The Reset event reinitializes the internal
registers, and thus, the Sensitive mode is
enabled again.
VDD
1.6V
H
L
Reset Threshold
Voltage (600 mV)
Reset Ramp Line
(100 mV/ms)
Time
RESET
Output
(Pin 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com