Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 69 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 69 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 65Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 66Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 67Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 68Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 69Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 70Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 71Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 72Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 69
MRF49XA
FIGURE 3-16:
TX REGISTER USAGE
FIGURE 3-17:
MULTIPLE BYTE WRITE WITH TRANSMIT REGISTER
SPI
Commands
GENCREG
PMCREG
TX Latch
TX Latch
PMCREG
GENCREG
TXDEN = 1
TX Byte 1
Dummy
TX Byte
TXCEN = 0
TXDEN = 0
TXCEN = 1
Synt.
PA
Ttx_xtal_on(1)
TXCEN
Enable
Synthesizer/PA
0xAA
Fraction of the dummy byte
0xAA
TX Byte1
TX Data
SDO(2)
Do not switch the TXCEN off here, because the TX
Byte 1 is not transmitted out, it is only stored in the
internal register
Enabling the transmitter preloads the TX latch with
0xAAAA
(CS, SCK, SDI)
Note 1: Ttx_xtal_on is the start-up time of PLL + PA with a running crystal oscillator.
2: SDO is a tri-state of CS.
IRO
* The device is in Transmit (TX) mode when the RXCEN bit is cleared using the PMCREG.
Transmit Register Write
TX BYTE 1
TX BYTE 2
TX BYTE n
SDO
(Register interrupt in TX mode*)
SCK
SDI
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com