Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 61 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 61 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 57Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 58Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 59Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 60Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 61Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 62Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 63Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 64Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 61
MRF49XA
3.14
Power Management
The Power Management Configuration register
enables/disables the following functions:
• Receiver
• Transmitter
• Baseband Circuit
• Synthesizer
• Crystal Oscillator
• Low Battery Detect Circuit
• Wake-up Timer
• Clock Output
Figure 3-12 shows the functions that are enabled using
PMCREG.
Receiver: The RXCEN bit, when set, enables the
entire receiver chain. The receiver chain consists of a
baseband circuit, synthesizer and crystal oscillator.
Transmitter: The TXCEN bit, when set, enables the
entire transmit chain. The transmit chain consists of a
power amplifier, synthesizer, oscillator and transmit
register. When the transmit chain and Transmit register
are enabled, any data in the Transmit register is shifted
out and a transmission is started.
Baseband Circuit: The BBCEN bit, when set, enables
the baseband circuit. The baseband circuit, synthesizer
and oscillator work together to demodulate and recover
the data transmitted to the synthesizer (SYNEN bit). If
baseband circuits are enabled, then the oscillator
(OSCEN bit) must be enabled in order to receive data.
The BBCEN bit can be disabled to reduce current
consumption.
Synthesizer: The SYNEN bit, when set, enables the
synthesizer. The synthesizer is comprised of a PLL,
oscillator and VCO for controlling the channel frequency.
This bit must be enabled when either the transmitter or
the receiver is enabled. The oscillator must also be
enabled to provide the reference frequency for the PLL.
On power-up, the synthesizer automatically performs
the calibration. If there are significant changes in voltage
or temperature, recalibration can be performed by
disabling and re-enabling the synthesizer.
Crystal Oscillator: The OSCEN bit, when set, enables
the oscillator circuit. The oscillator provides the
reference signal to the synthesizer when setting the
transmit or receive frequency of use.
Low Battery Detect Circuit: The LBDEN bit, when
set, enables the battery voltage detect circuit. The
battery detector can be programmed to 32 different
threshold levels. See Register 2-16 (BCSREG) for
programming details.
Wake-up Timer: The WUTEN bit, when set, enables
the wake-up timer. See Register 2-14 (WTSREG) for
details on programming the wake-up timer interval.
Clock Output: The CLKOEN bit, when set, disables
the oscillator clock output. On device Reset or
power-up, the clock output is enabled so that a
processor can begin execution of any special setup
sequences as required by the designer. See
Register 2-16 (BCSREG) for programming details.
The RF front end is comprised of the LNA and the
mixer.
The
synthesizer
block
has
two
main
components: the VCO and the PLL. The baseband
section consists of a baseband amplifier, low-pass
filter, limiter and I/Q demodulator.
The synthesizer also has an internal start-up calibration
procedure. If quick RX/TX switching is needed, leave
this block on. Enabling the transmitter using the
TXCEN bit (PMCREG<5>) will turn on the PA, and
since the synthesizer is already up and running, the PA
immediately produces the TX signal at the output.
To decrease the TX/RX turnaround time, keep the
baseband section on. Switching to Receive mode
means disabling the PA and enabling the RF front end.
Since the baseband block is already on, the internal
start-up calibration is skipped, and thus, the turnaround
time is shorter. The BBCEN, SYNEN and OSCEN bits
are provided to optimize the TX to RX or RX to TX
turnaround time.
The crystal oscillator provides a reference signal to the
RF synthesizer, baseband circuit and digital signal
processor. If the receiver or the transmitter is frequently
used, it is recommended to leave the oscillator running
as the crystal might need a few milliseconds to start. The
start timing mainly depends on the crystal parameters.
Note: If bit 0 is cleared, and with the clock
output enabled, the oscillator continues to
run even if the OSCEN bit is cleared. The
device will not fully enter Sleep mode.
Note: Leaving blocks unnecessarily turned on
increases the current consumption, and
thus, decreases the battery life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com