Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 47 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 47 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 44Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 45Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 46Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 47Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 48Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 49Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 50Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 47
MRF49XA
3.3
Power and Low Noise Amplifiers
The PA is an open-collector, differential output with
programmable output power which can directly drive a
loop or dipole antenna, and with proper matching, can
also drive a monopole antenna. An automatic antenna
tuning circuit configured in the PA avoids the manual
tuning during production and this offsets “hand effects”.
The registers associated with the PA are:
•TXCREG (see Register 2-4)
• PMCREG (see Register 2-13)
The input LNA has selectable gain (0 dB, -6 dB, -14 dB
and -20 dB) which is useful in environments with strong
interferers. The LNA has 250Ω of differential input
impedance, which requires a matching circuit when
connected to 50Ω devices.
The registers associated with the LNA are:
• RXCREG (see Register 2-7)
• PMCREG (see Register 2-13)
3.4
Crystal Oscillator and Clock
Output
The MRF49XA has a single pin crystal oscillator circuit,
which provides a 10 MHz reference signal for the
on-chip PLL. The clock frequency is programmable from
eight predefined frequencies, each being a prescaled
value of a 10 MHz crystal reference. A programmable
crystal load capacitor has been internally configured to
reduce the external component count and to have a
much simplified design. The internal load capacitor is
programmable from 8.5 pF – 16 pF in 0.5 pF steps as
defined GENCREG. This provides the advantage of
accepting a wide range of crystals from different
manufacturers
with
different
load
capacitance
requirements. For load capacitance values, see
Table 3-1. These values are programmable through the
BCSREG (see Register 2-16).
The crystal oscillator circuit is sensitive to parasitic
capacitance for start-up. A small amount of parasitic
capacitance is needed to facilitate oscillation. To achieve
this, create a ground plane around the crystal and widen
the connection to the MRF49XA. This is to adjust the
reference frequency and to compensate for stray
capacitance that might be introduced due to PCB layout.
If the layout is not possible, a 0.5 pF – 1 pF capacitor,
soldered across the crystal, will initiate the start-up. Also,
see Section 3.6, Crystal Selection Guidelines for
selecting the right crystal.
The crystal oscillator provides a reference signal to the
RF synthesizer, baseband circuits and digital signal
processing parts. If receiver or transmitter blocks are
used frequently, it is recommended to leave the
oscillator running because the crystal might need a few
milliseconds to start and stabilize. The stabilization
time mainly depends on the crystal parameters.
The CLKOEN bit (PMCREG<0>) is used to enable or
disable the clock output.
3.4.1
CLOCK TAIL FEATURE
The MRF49XA provides the clock signal for the
microcontroller for accurate timing, and thus, removes
the need for a second crystal for any board design.
When the microcontroller turns off the crystal oscillator
by clearing the OSCEN bit (PMCREG<3>), the
MRF49XA provides a fixed number (192) of further clock
pulses for the microcontroller to switch itself to Idle or
Sleep mode (Low-Power Consumption modes). To use
this feature, STSREG must be read before the OSCEN
bit is set to ‘0’. If STSREG is not read, then the clock
output will not shut down. If the CLKOUT pin is not used,
it is suggested to turn off the output buffer from
PMCREG.
The microcontroller clock source (if the clock is not
supplied by the MRF49XA) should be stable enough
over temperature and voltage ranges to ensure a
minimum of 16 bits time delay under all operating
circumstances.
TABLE 3-1:
PROGRAMMABLE LOAD
CAPACITANCE VALUE
CAP3
CAP2
CAP1
CAP0
Load
Capacitance
0000
8.5
0001
9
0010
9.5
0011
10
0100
10.5
0101
11
0110
11.5
0111
12
1000
12.5
1001
13
1010
13.5
1011
14
1100
14.5
1101
15
1110
15.5
1111
16
Note: Leaving blocks needlessly turned on
increases the current consumption, and
thus, reduces the battery life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com