Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 32 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 32 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 28Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 29Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 30Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 31Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 32Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 33Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 34Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 35Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
MRF49XA
DS70590C-page 32
Preliminary
© 2009-2011 Microchip Technology Inc.
REGISTER 2-10:
FIFORSTREG: FIFO AND RESET MODE CONFIGURATION REGISTER
(POR: 0xCA80)
W-1
W-1
W-0
W-0
W-1
W-0
W-1
W-0
CCB<15:8>
bit 15
bit 8
W-1
W-0
W-0
W-0
W-0
W-0
W-0
W-0
FFBC<3:0>
SYCHLEN
FFSC
FSCF
DRSTM
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
CCB<15:8>: Command Code bits
The command code bits (11001010b) are serially sent to the microcontroller to identify the bits to be
written in the FIFORSTREG.
bit 7-4
FFBC<3:0>: FIFO Fill Bit Count bits
Sets the received bits before generating an external interrupt to the host microcontroller to indicate the
receive FIFO is ready to be read. The maximum fill level is 15(1).
bit 3
SYCHLEN: Synchronous Character Length bit
This bit sets the synchronous character length to byte or word long.(2)
1 = Byte long. User-programmable SCL0 byte is used.
0 = Word long. The character is composed of the SCL1 and SCL0 bytes. The SCL1 byte value is fixed
and is not configurable. The SCL0 byte value is user-programmable through the SYNBREG.
bit 2
FFSC: FIFO Fill Start Condition bit
This bit sets the condition at which the FIFO starts filling with data.
1 = The FIFO will continuously fill irrespective of noise or good data
0 = The FIFO will fill when it recognizes the synchronous character pattern as defined internally
bit 1
FSCF: FIFO Synchronous Character Fill bit
1 = The FIFO starts filling with data when it detects the synchronous character pattern as defined in
the FFSC bit
0 = The FIFO fill stops
To restart the synchronous character pattern recognition, just clear and set this bit(2).
bit 0
DRSTM: Disable (Sensitive) Reset mode bit
1 = Disables(3)
0 = Enables System Reset for any glitches above 0.2V in the power supply
Note 1: On register overrun, the data will be lost. Therefore, the developer must take into account the processing
time required to read-out data before a register overrun. It is recommended to set the fill value to half of
the desired number of bits to be read to ensure sufficient time for additional processing. See Register 2-1
for the description of the TXRXFIFO and TXUROW bits, and Register 2-9 for details on polling and
interrupt driven FIFO reads from the SPI bus.
2: For synchronous character length selection, see Table 2-8.
3: For Reset mode selection, see Table 2-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com