Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 73 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 73 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 69Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 70Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 71Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 72Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 73Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 74Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 75Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 76Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 73
MRF49XA
4.0
APPLICATION DETAILS
The application circuit of MRF49XA with a balun circuit
is shown in Figure 4-1.
FIGURE 4-1:
APPLICATION CIRCUIT
4.1
Antenna/Balun
A balun circuit for a 50
Ω antenna is shown in
Figure 4-2. If low tolerance components (i.e., ±5%) are
used with an appropriate ground, the impedance
remains close to the 50
Ω measurement.
FIGURE 4-2:
BALUN CIRCUIT
1
2
3
4
16
15
14
13
12
11
10
9
5
6
7
8
RC 7
RC6
RC 5
RC4
RC3
RC2
RC 1
RC0
OSC 1
PIC ® MC U
C4 *
2 .2 nF
C1
2.2 u F
V DD
C3
0.01 uF
C2
(see
Table 2-2)
50 O h m Lo op
An te n n a
X1
10 M H z
* C o n n e ction s are o p tiona l.
MC L R
__ __ _
SDI
SCK
SD O
RCL K O UT /F CA P /F INT *
CL K O U T *
Ba lu n
IN T /D IO *
IR O
CS
F SK/D A T A /F S E L *
RE SE T *
+3.3V
C5
C6
50
Ω ANT
J1
L1
L2
L3
RFN
RFP
Freq.
L1
L2
L3
C5
C6
C7
433 MHz
390 nH
33 nH
47 nH
68 pF
2.7 pF
5.1 pF
868 MHz
100 nH
8.2 nH
22 nH
1.2 pF
27 pF
2.7 pF
915 MHz
100 nH
8.2 nH
22 nH
1.2 pF
27 pF
2.7 pF
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com