Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 88 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 88 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 84Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 85Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 86Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 87Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 88Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 89Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 90Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 91Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
MRF49XA
DS70590C-page 88
Preliminary
© 2009-2011 Microchip Technology Inc.
FIGURE 5-5:
RECEIVER SENSITIVITY OVER AMBIENT TEMPERATURE
(433 MHz, 2.4 kbps, ΔfFSK: 45 kHz, BW: 67 kHz)
FIGURE 5-6:
RECEIVER SENSITIVITY OVER AMBIENT TEMPERATURE
(868 MHz, 2.4 kbps, ΔfFSK: 45 kHz, BW: 67 kHz)
Receiver Sensitivity over Ambient Temperature for 433 MHz
-115
-112
-109
-106
-103
-100
-50
-25
0
25
50
75
100
Temperature (°C)
2.2V
2.7V
3.3V
3.8V
Receiver Sensitivity over Ambient Temperature for 868 MHz
-115
-112
-109
-106
-103
-100
-50
-25
0
25
50
75
100
Temperature (°C)
2.2V
2.7V
3.3V
3.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com