Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 70 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 70 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 66Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 67Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 68Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 69Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 70Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 71Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 72Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 73Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
MRF49XA
DS70590C-page 70
Preliminary
© 2009-2011 Microchip Technology Inc.
3.18
RX FIFO Buffered Data Read
In the Receive Operating mode, the incoming data is
clocked into a 16-bit FIFO buffer. The receive pin
function configuration required for the FIFO operation
is given in Table 3-4. The FIFOEN bit is in the
GENCREG register and enables the receive FIFO. The
receiver starts to fill the FIFO when the FINTDIO bit and
the synchronous pattern recognition circuit indicates
the potential real incoming data. This prevents the
FIFO from being filled with noise and avoids the
overloading on the external microcontroller.
The internal synchronous pattern and the pattern
length are user-programmable. If the Chip Select (CS)
pin is low, the data bits on the SDI pin are shifted into
the device on the rising edge of the clock on the SCK
pin. The serial interface is initialized every time if the
CS signal is high. Figure 3-18 shows a simple receiver
FIFO read over SPI lines.
In general, MRF49XA registers are read only. The
RXFIFO and the chip status can be read. During write
only appropriate byte is written to the desired register.
Hence it is not desired to read/write all registers and
there is no way reading back any of the other registers.
To test the SPI interface lines, the best is to set the LBD
(Low Battery Detector) threshold below the actual VDD
and the device must generate an interrupt.
FIGURE 3-18:
RECEIVER FIFO READ
SDO
SCK
MSB
SDI
LSB
0
TXRXFIFO
1
3
4
2
5
6
7
8
9
10
11
12
13
14
15
Received Bits Out
Note: The transceiver is in Receive (RX) mode when the RXCEN bit is set using the PMCREG.
CS
(TX/RX mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com