Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 52 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 52 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 48Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 49Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 50Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 51Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 52Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 54Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 55Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
MRF49XA
DS70590C-page 52
Preliminary
© 2009-2011 Microchip Technology Inc.
3.8
Initialization
Certain control register values must be initialized for
the basic operations of MRF49XA. These values differ
from the Power-on Reset values and provide improved
operational parameters. These settings are normally
made once after a Reset. After initialization, the
MRF49XA device features can be configured for the
application. Here, accessing a register is implied as a
command to the MRF49XA device through the SPI
port. The steps to be followed for the initialization of
MRF49XA using the control registers are as follows:
1.
Set FIFORSTREG.
2.
Enable synchronous latch from FIFORSTREG.
3.
Program frequency band and crystal load
capacitance from GENCREG.
4.
Enable AFC function from AFCCREG.
5.
Set center frequency through CFSREG for
transmit or receive frequency.
6.
Set data rate through DRSREG.
7.
Enable required functions (transmit, receive,
etc.) from PMCREG.
8.
Configure RXCREG.
9.
Configure TXCREG.
10. Tune in the antenna.
11. Turn off the transmitter and turn on the receiver.
12. Enable FIFO for data reception.
13. Set FIFORSTREG.
14. Enable synchronous latch from FIFORSTREG.
15. Read STSREG.
The following steps should be followed to tune in the
antenna section:
1.
Turn on the transmitter section from PMCREG.
2.
Wait for 5 ms for the oscillator to get stabilized.
The registers associated with initialization are:
•STSREG (see Register 2-1)
• GENCREG (see Register 2-2)
• AFCCREG (see Register 2-3)
•TXCREG (see Register 2-4)
•CFSREG (see Register 2-6)
• RXCREG (see Register 2-7)
• FIFORSTREG (see Register 2-10)
• DRSREG (see Register 2-12)
• PMCREG (see Register 2-13)
3.9
Interrupts
The advanced interrupt handler circuit is implemented
in the MRF49XA to reduce the power consumption. As
mentioned, the Sleep mode is the lowest power
consumption mode in which the mode clock and all
functional blocks of the chip are disabled. However, the
WUT and LBD circuits can be active if enabled. In case
of any interrupt, the device wakes up, switches to the
Active mode and an interrupt signal generated on the
IRO pin of the device indicates the change in state or
occurrence of an interrupt to the host microcontroller.
The source of the interrupt is determined by reading the
status word of the device (see Register 2-1).
The receiver generates an active-low interrupt request
for the microcontroller at the following events:
• TXBREG is ready to receive the next byte
• RXFIFOREG has received the preprogrammed
amount of bits
• RXFIFOREG overflow/TXBREG underrun
• Negative pulse on Interrupt Input pin (INT)
• Wake-up Timer Time-out (WUTINT)
• Supply voltage below the preprogrammed value is
detected
• Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com