Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 38 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 38 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 34Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 35Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 36Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 37Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 38Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 39Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 40Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 41Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 102 page
background image
MRF49XA
DS70590C-page 38
Preliminary
© 2009-2011 Microchip Technology Inc.
EQUATION 2-7:
REGISTER 2-14:
WTSREG: WAKE-UP TIMER VALUE SET REGISTER (POR: 0xE196)
W-1
W-1
W-1
W-0
W-0
W-0
W-0
W-1
CCB<15:13>
WTEV<4:0>
bit 15
bit 8
W-1
W-0
W-0
W-1
W-0
W-1
W-1
W-0
WTMV<7:0>
bit 7
bit 0
Legend:
r = reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
CCB<15:13>: Command Code bits
The command code bits (111b) are serially sent to the microcontroller to identify the bits to be written
in the WTSREG.
bit 12-8
WTEV<4:0>: Wake-up Timer Exponential Value bits
These bits define the exponential value to be used to set up the time interval. The value must be a
decimal equivalent between 0 and 29(1).
bit 7-0
WTMV<7:0>: Wake-up Timer Multiplier Exponential Value bits
These bits define the multiplier value to be used to set up the time interval. The value must be a
decimal equivalent between 0 and 255(1).
Note 1: The WTSREG sets the wake-up interval for the device. After setting the wake-up time, the WUTEN bit
(PMCREG<1>) must be cleared and set at the end of every wake-up cycle. The wake-up duration can be
calculated using Equation 2-7.
WUTIME (ms) =[1.03 x WTMV<7:0> x 2WTEV<4:0>] + 0.5 ms
where:
WTMV<7:0> = Decimal Value between 0 to 255
WTEV<4:0> = Decimal Value between 0 to 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com