Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 43 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 43 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 39Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 40Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 41Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 42Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 43Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 44Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 45Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 46Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 43
MRF49XA
3.0
FUNCTIONAL DESCRIPTION
The MRF49XA is a low-power, Zero-IF, multi-channel
FSK transceiver which operates in the 433, 868
and 915 MHz frequency bands. All the RF and
baseband functions and processes are integrated in
the MRF49XA. The device for its operation requires
only a single, 10 MHz crystal as a reference source and
an external, low-cost host microcontroller. The
MRF49XA supports the following functions:
• Reset
• PA and LNA
• Synthesizer (PLL, VCO and Oscillator)
• I/Q Mixers and Demodulators
• BBFs and Amplifiers
• Received Signal Strength Indicator
• Low Battery Detector
• Wake-up Timer/Low Duty Cycle mode
•DQI
The MRF49XA is the best option for FHSS applications
requiring
frequency
agility
to
meet
Federal
Communications
Commission
(FCC),
Industry
Canada (IC)
or
European
Telecommunications
Standards
Institute
(ETSI)
requirements.
The
communication link can be created by just using the
MRF49XA along with a low-cost microcontroller. The
device uses the different power-saving modes to reduce
the overall current consumption, and thereby, extends
the battery life of the system or application.
3.1
Reset
The MRF49XA supports four types of Reset:
• Power-on Reset
• Power Glitch Reset
• Software Reset
• Reset Pin
3.1.1
POWER-ON RESET
The MRF49XA has a built-in Power-on Reset circuitry
which automatically resets all control registers when
power is applied. A delay of 100 ms is recommended
after a power-up sequence in order to allow the VDD to
reach the correct voltage level and to get stabilized to
recognize an active-low Reset. In Reset mode, the
device does not accept the control commands through
the SPI.
After power-up, the supply voltage starts to rise
above 0V. The Reset block has an internal ramping
voltage reference level (Reset ramp signal) which rises
at a 100 mV/ms (typical) rate. The device remains in
the Reset state until the voltage difference between the
actual VDD and the internal Reset ramp signal is higher
than
the
Reset
threshold
voltage
level
(typically 600 mV). The device remains in Reset mode
as long as the VDD voltage level is less than 1.6V (typ-
ical), irrespective of the voltage difference between the
VDD and the internal ramp signal. Figure 3-1 graphi-
cally shows the POR example for VDD with respect to
time conditions.
FIGURE 3-1:
POWER-ON RESET EXAMPLE
VDD
1.6V
H
L
Reset Threshold
Voltage (600 mV)
Reset Ramp
Line
(100 mV/ms)
Time
The device stays in Reset when VDD < 1.6V
(even if the voltage difference is smaller
than the Reset threshold).
RESET
Output
(Pin 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com