Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 76 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 76 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 72Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 73Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 74Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 75Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 76Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 77Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 78Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 79Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
MRF49XA
DS70590C-page 76
Preliminary
© 2009-2011 Microchip Technology Inc.
4.5
MRF49XA Schematic and Bill of
Materials
4.5.1
SCHEMATIC
FIGURE 4-5:
MRF49XA SCHEMATIC
+3.3V
+3.3V
FINT
FSEL
RESET
RSSIO
INT/DIO
SDO
CS
SCK
SDI
C4
1000 pF
C1
C2
0.01 uF
C7
C5
C6
C3
2.2 uF
6.3V
50
Ω ANT
J1
L1
L2
L3
TP1
CLK
TP2
GND
MRF49XA
U1
SDI
SCK
SDO
IRO
FSK/DATA/
RCLKOUT/FCAP/FINT
CLKOUT
INT/DIO
RSSIO
VDD
RFN
RFP
VSS
RFXTL/EXTREF
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
X1
10 MHz
Freq.
L1
L2
L3
C5
C6
C7
433 MHz
390 nH
33 nH
47 nH
68 pF
2.7 pF
5.1 pF
868 MHz
100 nH
8.2 nH
22 nH
1.2 pF
27 pF
2.7 pF
C1
47 pF
220 pF
915 MHz
100 nH
8.2 nH
22 nH
1.2 pF
27 pF
2.7 pF
33 pF
CS
__
__
__
__
IRO
__
__
FSEL
___
___
RESET
____



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com