Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 80 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 80 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 76Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 77Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 78Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 79Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 80Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 81Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 82Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 83Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
MRF49XA
DS70590C-page 80
Preliminary
© 2009-2011 Microchip Technology Inc.
TABLE 5-1:
RECOMMENDED OPERATING CONDITIONS
Note 1: At minimum, VDD – 1.5V cannot be lower than 1.2V.
2: At maximum, VDD + 1.5V cannot be higher than 5.5V.
TABLE 5-2:
CURRENT CONSUMPTION(1)
Note 1: Typical Values: TA = 25°C, VDD = 3.3V.
Note 1: Typical Values: TA = 25°C, VDD = 3.3V.
2: Negative current is defined as the current sourced by the pin.
Parameters
Min
Typ
Max
Unit
Operating Temperature
-40
—
+85
°C
Supply Voltage for RF, Analog and Digital
Circuits
2.2
—
3.8
V
Supply Voltage for Digital I/O
2.2
3.3
3.8
V
DC Voltage on Open-Collector Outputs
(RFP, RFN)(1,2)
VDD–1.5
—
VDD+1.5
V
AC Peak Voltage on Open-Collector
Outputs (RFP, RFN)(1)
VDD–1.5
—
VDD+1.5
V
Chip mode
Condition
Min
Typ
Max
Unit
Sleep
Sleep clock disabled, all blocks disabled
—
0.3
1
μA
Idle
Oscillator and baseband enabled, clock
output disabled
—0.6
1.2
mA
TX
Power output – 0 dBm, 50Ω load, 433 MHz
—
15
—
mA
868 MHz
—
16
—
mA
915 MHz
—
17
—
mA
TX
At maximum output power, 433 MHz
—
22
26
mA
868 MHz
—
23
27
mA
915 MHz
—
24
28
mA
RX
433 MHz
—
11
13
mA
868 MHz
—
12
14
mA
915 MHz
—
13
15
mA
Low Battery Voltage Detector
Current Consumption
——
0.5
1.7
μA
Wake-up Timer Current
Consumption
——
1.5
3.5
μA
TABLE 5-3:
I/O PIN INPUT SPECIFICATIONS(1)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VIL
Input Low Voltage
—
—
—
0.3xVDD
V
VIH
Input High Voltage
—
0.7xVDD
——
V
IIL
Input Low Leakage Current(2)
VIL = 0V
-1
—
1
μA
IIH
Input High Leakage Current
VIH = VDD, VDD = 3.8V
-1
—
1
μA
VOL
Digital Low Output Voltage
lOL = 2 mA
—
—
0.4
V
VOH
Digital Low Output
IOH = -2 mA
VDD–0.4
—
—
V
VLBTD
Low Battery Threshold Detect Programmable in 0.1V
steps
2.25
—
3.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com