Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 81 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 81 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 77Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 78Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 79Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 80Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 81Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 82Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 83Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 84Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 81
MRF49XA
Note 1: Typical Values: TA = 25°C, VDD = 3.3V.
2: BER = 10E – 3, BW = 67 kHz,
Δf = 30 kHz, Baud Rate = 1.2 kbps, digital filter with AFC disabled.
TABLE 5-4:
RECEIVER AC CHARACTERISTICS(1)
Parameters
Condition
Min
Typ
Max
Unit
Receiver Sensitivity
433 MHz band(2)
—-112—
dBm
868 MHz band(2)
—-110—
dBm
915 MHz band(2)
—
-109
—
dBm
Maximum RF Input
Power
LNA: High Gain
0
—
—
dBm
RF Input Capacitance
—
—
1
—
pF
Receiver Spurious
Emission
——
—
-60
dBm
Receiver BW
mode 0
—
67
—
kHz
Mode 1
—
134
—
kHz
Mode 2
—
200
—
kHz
Mode 3
—
270
—
kHz
Mode 4
—
340
—
kHz
Mode 5
—
400
—
kHz
RSSI Range
—
—
46
—
dB
RSSI Error
—
—
±6
—
dB
RSSI Power Supply
Dependency
When input signal level is lower than
-54 dBm and greater than -100 dBm
—+35
—
mV/V
Filter Capacitor for
Analog RSSI
—1
—
—
nF
RSSI Programmable
Level Steps
——
6
—
dB
Digital RSSI
Response Time
Until the RSSI signal goes high after
the input signal exceeds the
preprogrammed limit, CARRSI = 4.7
nF
—
500
—
μs
Input IP3
In band interferers in high bands (868
MHz, 915 MHz)
—-21
—
dBm
IIP3
(LNA – 6 dB gain)
In band interferers in low band (433
MHz)
—-15
—
dBm
IIP3
(LNA – 6 dB gain)
Out of band interferers,
l f-fO l > 4 MHz
—-12
—
dBm
FSK Bit Rate
With internal digital filters supported
by design
0.6
—
115.2
kbps
FSK Bit Rate
With internal analog filters supported
by design
——
256
kbps
AFC Locking Range
Δffsk: FSK deviation in the received
signal
—
0.8 –
Δffsk
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com