Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 54 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 54 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 50Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 51Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 52Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 54Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 55Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 56Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 57Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 102 page
background image
MRF49XA
DS70590C-page 54
Preliminary
© 2009-2011 Microchip Technology Inc.
3.9.2.3
TXOWRXOF
1.
Transmit mode
In this mode, the TXOWRXOF and TXRXFIFO
bits are always set together. The IRO pin and its
status bit remain active until the transmitter and
the TX latch are switched off.
2.
Receive mode
In this mode, the TXOWRXOF and TXRXFIFO
bits are always set together and can be cleared
by reading the STSREG. The IRO pin and its
status bit remain active until the FIFO is read (a
FIFO interrupt threshold number of bits have
been read), the receiver is switched off or the
RX FIFO is switched off.
3.9.2.4
WUTINT
The IRO pin and its status bit are cleared by reading
the STSREG.
3.9.2.5
LCEXINT
The IRO pin and its status bit follow the level of the INT pin.
3.9.2.6
LBTD
The IRO pin is released by reading the status bit of
STSREG, but the status bit remains active until the VDD
is below the threshold value.
The MRF49XA interrupt generation logic is shown in
Figure 3-7. A better way of interrupt handling is to first
read the STSREG on an interrupt and then decide the
action based on the status byte/word. It is important to
note that any of the interrupt sources can wake-up the
MRF49XA from Sleep mode. This means that the
crystal oscillator starts to supply a clock signal to the
microcontroller even if the microcontroller has its own
clock source. The MRF49XA will not enter Sleep mode
if any of the interrupt remains active, irrespective of the
state of the OSCEN bit in PMCREG. This way, the
microcontroller can always have a clock signal to
process the interrupt.
To prevent high-current consumption, which results in
short battery life, it is highly recommended to process
and clear interrupts before entering Sleep mode. The
functions which are not necessary should be turned off
to avoid unwanted interrupts. Before finalizing the
microcontroller (application) code, a thorough testing
must be conducted to make sure that all interrupt
sources are handled before putting the transceiver in
Sleep mode.
The OSCEN bit controls the crystal oscillator
(considering that the RXCEN and TXCEN bits are
cleared) if the CLKOEN bit (PMCREG<0>) is set. The
interrupts have no effect on it.
On interrupt, the crystal oscillator turns on automatically
to supply a clock signal to the microcontroller,
irrespective of the OSCEN bit setting. The clock tail
feature provides sufficient clock pulses for the
microcontroller to enter the Low-Power Consumption
mode. Due to this automatic feature, it is not possible to
turn off the crystal by clearing the OSCEN bit if any
interrupt is active.
For example, after power-on, the POR interrupt must
be cleared by a status read, and then by writing ‘0’ in
the OSCEN bit, puts the device into Sleep mode.
The registers associated with interrupts are:
•STSREG (see Register 2-1)
• GENCREG (see Register 2-2)
• RXCREG (see Register 2-7)
• PMCREG (see Register 2-13)
• BCSREG (see Register 2-16)
Note: Before turning the OSCEN bit off, clear all
the interrupts, because the additional
current required for running the crystal
oscillator can shorten the battery life
significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com