Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 53 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 53 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 49Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 50Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 51Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 52Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 53Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 54Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 55Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 56Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 53
MRF49XA
3.9.1
SETTING INTERRUPTS
The device’s interrupt pin (IRO) signals one of eight
interrupt events to the host microcontroller. The
interrupt source in the microcontroller is read out from
the transceiver through the SDO pin. The interrupt
sources that are available are briefly described in the
following subsections.
3.9.1.1
TXRXFIFO: Transmit Register or
Receive FIFO bit
1.
Transmit mode: Transmit Register Ready bit
This interrupt is generated when the Transmit
register is empty. It is valid only when the
TXDEN bit (GENCREG<7>) is set and the
TXCEN bit (PMCREG<5>) is enabled.
2.
Receive mode: Receive FIFO Empty bit
This interrupt is generated when the bit level in
the
RXFIFOREG
has
reached
the
preprogrammed level. An interrupt is triggered
when the number of received data bits in the
receiver FIFO reaches the threshold set by the
FFBC bits (FIFORSTREG<7:4>). This is valid
only when the FIFOEN bit (GENCREG<6>) is set
and the RXCEN bit (PMCREG<7>) is enabled.
3.9.1.2
POR: Power-on Reset Interrupt
The POR interrupt is generated when a change on the
VDD line triggers an internal Reset circuit or a Software
Reset was issued. For details, see Section 3.1, Reset.
3.9.1.3
TXOWRXOF: Transmit Overwrite
Receive Overflow bit
1.
Transmit mode: Transmit Register Underrun or
Overwrite bit
This interrupt is generated when the automatic
Baud Rate Generator (BRG) has completed the
transmission of a byte in TXBREG before the
register write. It is valid only when the TXDEN bit
(GENCREG<7>) is set and the TXCEN bit
(PMCREG<5>) is enabled.
2.
Receive mode: Receive FIFO Overflow bit
This interrupt is generated when the bits
received are more than the FIFO capacity
(16 bits). This is valid only when the FIFOEN bit
(GENCREG<6>) is set and the RXCEN bit
(PMCREG<7>) is enabled.
3.9.1.4
WUTINT: Wake-up Timer Interrupt
This interrupt occurs when the time specified by the
wake-up timer has elapsed. It is valid only when the
WUTEN bit (PMCREG<1>) is set. The device
periodically wakes up and switches to Receive mode. If
valid FSK data is received, the device sends an
interrupt to the microcontroller and continues filling the
RXFIFO. After the completion of transmission, the
FIFO is read out completely and all other interrupts are
cleared. The device returns to the Low-Power
Consumption mode.
3.9.1.5
LCEXINT: Logic Low-Level Change
on External Interrupt
Follows the level of the INT pin if configured as an
external interrupt by clearing the FINTDIO bit
(RXCREG<10>).
3.9.1.6
LBTD: Low Battery Threshold Detect
This interrupt occurs when VDD goes below the
programmable low battery detector threshold level
configured by the LBDVB bits (BCSREG<3:0>). It is
valid only when the LBDEN bit (PMCREG<2>) is set.
3.9.2
CLEARING INTERRUPTS
If any of the interrupt sources gets active, the IRO
changes to logic low level and the corresponding
interrupt bit in the status byte goes high. Clearing an
interrupt implies:
• releasing the IRO pin to return to logic high, and
• clearing the corresponding interrupt bit in the
STSREG
The clearing of each of the interrupts is briefly
described in the following subsections.
3.9.2.1
TXRXFIFO
1.
Transmit mode
The IRO pin and its status bit remain active until
the register is written (if underrun does not occur
until the register write) or the transmitter and the
TX latch are switched off.
2.
Receive mode
The IRO pin and its status bit remain active until
the FIFO is read (receive FIFO interrupt
threshold number of bits have been read). The
receiver is switched off or the RXFIFO is
switched off.
3.9.2.2
POR
The IRO pin and its status bit are cleared by reading the
Status Read register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com