Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XAT-I/T Datasheet(PDF) 101 Page - Microchip Technology

Part # MRF49XAT-I/T
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 101 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 94Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 95Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 96Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 97Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 98Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 99Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 100Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 101Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 102Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
© 2009-2011 Microchip Technology Inc.
Preliminary
DS70590C-page 101
MRF49XA
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
MRF49XA: Sub-GHz RF Transceiver
Temperature Range
I
= -40
° C to +85° C (Industrial)
Package
ST = TSSOP (Lead Plastic Thin Shrink Small Outline,
No Lead)
T
= Tape and Reel
Example:
a)
MRF49XA-I/ST: Industrial temperature,
TSSOP package.
b)
MRF49XAT-I/ST: Industrial temperature,
TSSOP package, tape and reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com