Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 25Page - Advanced Micro Devices AM7968 Datasheet HTML 26Page - Advanced Micro Devices AM7968 Datasheet HTML 27Page - Advanced Micro Devices AM7968 Datasheet HTML 28Page - Advanced Micro Devices AM7968 Datasheet HTML 29Page - Advanced Micro Devices AM7968 Datasheet HTML 30Page - Advanced Micro Devices AM7968 Datasheet HTML 31Page - Advanced Micro Devices AM7968 Datasheet HTML 32Page - Advanced Micro Devices AM7968 Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
AMD
25
Am7968/Am7969-125
Am7969-125 TAXIchip Receiver (Notes 13, 14, 22)
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Bus Interface Signals:
DO0–DO7,DO8/CO3,DO9/CO2,CO0–CO1,DSTRB,CSTRB, IGM,CLK,CNB,VLTN
35
tP
CLK Period (Note 24)
8n
25n
ns
36
tPD
Data Valid to STRB
↑ Delay
TTL Output Load
ns
37
tPD
CLK
↓ to STRB↑
TTL Output Load
ns
38
tPD
CLK
↑ to STRB↓
TTL Output Load
ns
38a
tPD
STRB
↑ to CLK↑ (Note 23)
TTL Output Load
ns
39
tPD
CLK
↓ to Data Valid Delay
TTL Output Load
ns
40
tPW
STRB Pulse Width HIGH
TTL Output Load
ns
41
tPW
CLK Pulse Width HIGH
TTL Output Load
ns
42
tPW
CLK Pulse Width LOW
TTL Output Load
ns
43
tPD
SERIN to CLK
↓ Delay
TTL Output Load
ns
44
tPD
CLK
↑ to IGM↓
TTL Output Load
ns
45
tPD
CLK
↑ to IGM↑
TTL Output Load
ns
46
tPD
CNB
↓ to IGM↓
TTL Output Load
20
ns
47
tS
CNB
↑ to CLK↑ Setup Time
ns
(Note 5)
47A
tS
CNB
↓ to CLK↑ Setup Time
ns
(Note 19)
48
tH
CNB
↓ to CLK↑ Hold
ns
49
tPW
CNB Pulse Width LOW
ns
Serial Interface Signals: SERIN+, SERIN–
57
tJ
¦
SERIN
± Peak to Peak Input Jitter
5
ns
Tolerance (Note 16)
Miscellaneous Signals: X1 (Note 15)
60
tPW
X1 Pulse Width HIGH
35
ns
61
tPW
X1 Pulse Width LOW
35
ns
2t35
n
-
2t35
n
2t35
n
+15
t35
n
–7
5t35
2n
5t35
n
–15
5t35
n
–15
t35
2n +17
2t35
n
+26
2t35
n
+7
2t35
n
+10
–32
t35
n –31
-
t35
n
+
-
23
5t35
n
2t35
n
+5
2t35
n
3t35
n
–14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com