Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 40Page - Advanced Micro Devices AM7968 Datasheet HTML 41Page - Advanced Micro Devices AM7968 Datasheet HTML 42Page - Advanced Micro Devices AM7968 Datasheet HTML 43Page - Advanced Micro Devices AM7968 Datasheet HTML 44Page - Advanced Micro Devices AM7968 Datasheet HTML 45Page - Advanced Micro Devices AM7968 Datasheet HTML 46Page - Advanced Micro Devices AM7968 Datasheet HTML 47Page - Advanced Micro Devices AM7968 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 127 page
background image
AMD
40
Am7968/Am7969
SWITCHING TEST CIRCUITS
Notes:
1. R1 = 500
Ω for the IOL = 8 mA
2. All diodes IN916 or IN3064, or equivalent
3. CL = 30 pF includes scope probe, wiring and stray
capacitances without device in test fixture.
4. AMD uses constant current (A.T.E.) load
configurations and forcing functions. This figure is for
reference only.
Notes:
1. CL < 3 pF includes scope probe, wiring and stray
capacitances without device in test fixture.
2. AMD uses Automatic test equipment load
configurations and forcing functions. This figure
is for reference only.
2.4K
30 pF
VOUT
VCC
R1
07370F-14
VOUT
CL
VCC
– 2 V
50
Ω
07370F-15
TTL Output Load
ECL Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com