Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 77Page - Advanced Micro Devices AM7968 Datasheet HTML 78Page - Advanced Micro Devices AM7968 Datasheet HTML 79Page - Advanced Micro Devices AM7968 Datasheet HTML 80Page - Advanced Micro Devices AM7968 Datasheet HTML 81Page - Advanced Micro Devices AM7968 Datasheet HTML 82Page - Advanced Micro Devices AM7968 Datasheet HTML 83Page - Advanced Micro Devices AM7968 Datasheet HTML 84Page - Advanced Micro Devices AM7968 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 127 page
background image
AMD
77
TAXIchip Integrated Circuits Technical Manual
Figure 7-2
Cascade with One TAXI Transmitter
DQ
CK
DFF
DQ
CK
DFF
DQ
CK
DFF
DQ
CK
DFF
DQ
CK
DFF
DQ
CK
BUFFERS
DQ
CK
DQ
CK
DQ
CK
OE-
OE-
OE-
OE-
BUFFERS
BUFFERS
BUFFERS
74ALS374
74ALS374
74ALS374
74ALS374
8
8
8
8
BYTE1
BYTE2
BYTE3
BYTE4
8
4
2
CLK
CLK
STRB
SEROUT
ACK
DATA
COMMAND
LOADEN
U3
U2
8
8
8
8
32
U5
U4
U6
CLK2
LOAD4-
LOAD3-
LOAD2-
LOAD1-
74LS174
U7
U1
STRBIN
DATA
STROBE
ACK0
ACK1
CLK1
SEROUT
CLK Buffer;
May Not Be
Required for
Low Fanout
System
Four-Byte Cascade Mode Logic
TAXI
12330E-24
7.2 Receivers In Cascade Mode: Connections (Am7969-125 Only)
Unlike transmitters, all cascaded receivers are directly connected to the media, via the
two serial input data lines. All Receivers see the same serial data at the same time. The
Primary Receiver always receives the first byte of serial data after a Sync. The signals
used by the upstream Receiver to tell the downstream Receiver that it has captured a
byte are IGM (I Got Mine) and CNB (Catch Next Byte). After receiving its byte, the
upstream receiver raises its IGM signal, telling the next Receiver in line that it is to catch
the next byte on the serial line. In this way each succeeding Receiver down the line
catches each succeeding byte.
The second receiver waits for the Primary Receiver to capture data before capturing its
data (the second byte). Similarly, if there were a third Receiver it would wait until the
second Receiver had captured the second byte before capturing the third byte.
The connections of the cascaded (downstream) TAXI Receivers are as follows (see
Figure 7-3):
The CNB input of the cascaded Receiver is tied to the IGM of it’s upstream neighbor.
The CNB input of the first upstream or primary Receiver is tied high.
The IGM output of the last downstream Receiver is left unconnected normally. (This pin
is used differently in Auto-repeat Configuration, discussed in section 7.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com